Electronic Components Datasheet Search
  English  ▼

X  

GPUSB101A Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 7Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 8Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 9Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 10Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 11Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 12Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 13Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 14Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
11
Sep 24, 2014
Version: 1.4
7. ELECTRICAL SPECIFICATIONS
7.1. Absolute Maximum Ratings
Characteristics
Symbol
Min.
Max.
Unit
IOA , IOB PAD Supply Voltage
IOVDD5
-0.3
5.5
V
IOC PAD Supply Voltage
VDD
-0.3
3.6
V
Analog Supply Voltage
AVDD3
-0.3
3.6
V
Core Supply Voltage
VDD
-0.3
3.6
V
ESD Protection(HBM)
VESD
2K
-
V
Operating Temperature Range
TA
0
+60
℃
Storage Temperature Range
TSTO
-50
+150
℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device. For normal operational conditions,
see DC Electrical Characteristics.
7.2. DC Characteristics (VDD = 3.3V, TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Core Operating Voltage
VDD
2.4
3.3
3.6
V
IOA, IOB PAD Operating Voltage
IOVDD5
2.4
-
5.5
V
IOC PAD Operating Voltage
VDD
2.4
3.3
3.6
V
Analog Operating Voltage
AVDD3
2.4
-
3.6
V
Operating Current
IOP
-
4.3
6
mA
FCPU = 12MHz @ 3.3V(Typ.), USB OFF
ISTBY1
-
3
5
μA
VDD = 3.3V, whole chip with regulator ON
Standby Current
ISTBY2
-
1
3
μA
VDD = 3.3V, whole chip with regulator OFF
Input High Level (IOA,IOB)
VIH1
0.7Vdd
-
-
V
Input Low Level (IOA,IOB)
VIL1
-
-
0.3Vdd
V
Input High Level (IOC)
VIH2
0.7Vdd
-
-
V
Input Low Level (IOC)
VIL2
-
-
0.3Vdd
V
-2
-
-
VOH = 0.9*IOVDD5, IOVDD5=3.3V
Output High Current (IOA,IOB)
IOH1
-4
-
-
mA
VOH = 0.9*IOVDD5, IOVDD5=5V
3
-
-
VOL = 0.1*IOVDD5, IOVDD5=3.3V
Output Sink Current (IOA,IOB)
IOL1
6
-
-
mA
VOL = 0.1*IOVDD5, IOVDD5=5V
Output High Current (IOC)
IOH2
-2
-
-
mA
VOH = 0.9*VDD, VDD=3.3V
Output Sink Current (IOC)
IOL2
3
-
-
mA
VOL = 0.1*VDD, VDD=3.3V
-
170
-
Vin = GND, IOVDD5=3.3V
Pull-up Resistor (IOA,IOB)
RPU1
-
95
-
KΩ
Vin = GND, IOVDD5=5V
-
160
-
Vin = IOVDD5, IOVDD5=3.3V
Pull-down Resistor (IOA,IOB)
RPD1
-
95
-
KΩ
Vin = IOVDD5, IOVDD5=5V
Pull-up Resistor(IOC)
RPU2
-
110
-
KΩ
Vin = GND, VDD=3.3V
Pull-down Resistor(IOC)
RPD2
-
130
-
KΩ
Vin = VDD, VDD=3.3V
7.3. Regulator Characteristics
Unit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input Voltage
V50_REG
2.4
-
5.5
V
Maximum Current Output
IREGO
-
-
60
mA
V50_REG>=3.3V, VDROP<0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com