Electronic Components Datasheet Search
  English  ▼

X  

GPUSB101A Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 10Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 11Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 12Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 13Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 14Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 15Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 16Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 17Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
14
Sep 24, 2014
Version: 1.4
9. PACKAGE/ORDERING INFORMATION
9.1. Ordering Information
Product Number
Package Type
GPUSB101A-NnnV-C
Chip form
GPUSB101A-NnnV-QL02x
Halogen Free 64 pin LQFP Package
GPUSB101A-NnnV-HG02x
Green Package - SSOP 20 (209mil)
Note1: Code number is assigned for customer.
Note2: Code number (N = A - Z or 0 - 9, nn = 00 - 99); version (V = A - Z).
Note3: Package form number (x = 1 - 9, serial number).
9.2. Package Information
LQFP 64
Symbols
Min.
Nom.
Max.
A
-
-
1.60
A1
0.05
-
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com