Electronic Components Datasheet Search
  English  ▼

X  

GPUSB101A Datasheet(PDF) 22 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 22 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 18Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 19Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 20Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 21Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 22Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 23Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 24Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 25Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 26Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
22
Sep 24, 2014
Version: 1.4
dCBWSignature:
Signature that helps identify this data packet as a CBW. The
signature field shall contain the value 43425355h (little endian),
indicating a CBW.
dCBWTag:
A Command Block Tag sent by the host. The device shall echo
the contents of this field back to the host in the dCSWTag field of
the associated CSW.
The dCSWTag positively associates a
CSW with the corresponding CBW.
dCBWDataTransferLength:
The number of bytes of data that the host expects to transfer on
the Bulk-In or Bulk-Out endpoint (as indicated by the Direction bit)
during the execution of this command. If this field is zero, the
device and the host shall transfer no data between the CBW and
the associated CSW, and the device shall ignore the value of the
Direction bit in bmCBWFlags.
bmCBWFlags:
The bits of this field are defined as follows:
Bit 7 Direction - the device shall ignore this bit if the
dCBWDataTransferLength field is zero, otherwise:
0 = Data-Out from host to the device,
1 = Data-In from the device to the host.
Bit 6 Obsolete. The host shall set this bit to zero.
Bits 5...0 Reserved - the host shall set these bits to zero.
bCBWLUN:
The device Logical Unit Number (LUN) to which the command
block is being sent. For devices that support multiple LUNs, the
host shall place into this field the LUN to which this command
block is addressed. Otherwise, the host shall set this field to
zero.
bCBWCBLength:
The valid length of the CBWCB in bytes. This defines the valid
length of the command block.
The only legal values are 1
through 16 (01h through 10h). All other values are reserved.
CBWCB:
The command block to be executed by the device. The device
shall interpret the first bCBWCBLength bytes in this field as a
command block as defined by the command set identified by
bInterfaceSubClass. If the command set supported by the device
uses command blocks of fewer than 16 (10h) bytes in length, the
significant bytes shall be transferred first, beginning with the byte
at offset 15 (Fh). The device shall ignore the content of the
CBWCB field past the byte at offset (15 + bCBWCBLength - 1).
10.3.2. Command Status Wrapper (CSW)
The CSW shall start on a packet boundary and shall end as a
short packet with exactly 13 (0Dh) bytes transferred.
Fields
appear aligned to byte offsets equal to a multiple of their byte size.
All CSW transfers shall be ordered with the LSB (byte 0) first (little
endian). Refer to the USB Specification Terms and Abbreviations
for clarification.
TABLE 7.3.2. Command Status Wrapper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com