Electronic Components Datasheet Search
  English  ▼

X  

BTM52 Datasheet(PDF) 7 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM52
Description  Bluetooth Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM52 Datasheet(HTML) 7 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM52 Datasheet HTML 3Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 4Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
http://www.buddies-tech.com
BTM52 DATASHEET
7
2. GENERAL SPECIFICATION
Bluetooth Specification
Chip Set
CSR BC05-MultiMedia External
Module ID
BTM52
BT Standard
Bluetooth
® V2.1 + EDR specification
RF TX Output Power
4dBm (Class II)
Sensitivity
-86dBm@0.1%BER
Frequency Band
2.402GHz~2.480GHz ISM Band
Baseband Crystal OSC
26MHz
Hopping
1600hops/sec, 1MHz channel space
RF Input Impedance
50 ohms
Major Interface
Microphone : Input (Differential)
Speaker : Output (Differential)
PCM : Output
UART : Tx/Rx
USB : DP/DN
PIOs
Antenna
Profile
HSP, HFP, A2DP, AVRCP, PBAP, ……..
detailed profiles depends on the firmware
Voice Processor
64MIPS Kalimba with cVc support
Power
Supply Voltage
3.0V ~ 3.6V DC
Working Current
35mA typical, Depends on profiles
Standby Current
<1mA
Operating Environment
Temperature
-40ºC to +85ºC
Humidity
10%~90% Non-Condensing
Environmental
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com