Electronic Components Datasheet Search
  English  ▼

X  

BTM52 Datasheet(PDF) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM52
Description  Bluetooth Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM52 Datasheet(HTML) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM52 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
http://www.buddies-tech.com
BTM52 DATASHEET
10
17
PIO[14]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
18
PIO[5]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
19
PIO[6]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
20
PIO[10]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
21
PIO[12]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
22
PCM_IN
CMOS input, with weak internal
pull-down
Synchronous data input
23
PCM_CLK
Bi-directional with weak
internal pull-down
Synchronous data clock
24
PCM_OUT
CMOS output, tri-state, with weak
internal pull-down
Synchronous data output
25
PCM_SYNC
Bi-directional with weak
internal pull-down
Synchronous data sync
26
SPI_MOSI
CMOS input, with weak internal
pull-down
SPI data input
27
SPI_CLK Input with weak internal pull-down
SPI clock
28
SPI_CSB
Input with weak internal pull-up
Chip select for Serial Peripheral Interface
(SPI),active low
29
SPI_MISO
CMOS output, tri-state, with weak
internal pull-down
SPI data output
30
LED[1]
Open drain output
LED driver
31
LED[0]
Open drain output
LED driver
32
VREGIN_H Regulator input
Input to internal high-voltage linear
regulator (2.5V~4.9V)
33
VREGEN_H Analogue
Take high to enable high-voltage linear
regulator and switch-mode regulator
34
+1V8
Supply
High-voltage linear regulator output (1.8V
out)
35
LX
Switch-mode power regulator output
Switch-mode power regulator output (1.8V
out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com