Electronic Components Datasheet Search
  English  ▼

X  

BTM52 Datasheet(PDF) 16 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM52
Description  Bluetooth Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM52 Datasheet(HTML) 16 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM52 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
http://www.buddies-tech.com
BTM52 DATASHEET
16
5.3.8
Audio Input Stage
The audio input stage of the module consists of a low noise input amplifier, which receives
its analogue input signal from pins MIC_A_P and MIC_A_N to a second–order ∑-∆ ADC
that outputs a 4Mbit/sec single-bit stream into the digital circuitry. The input can be
configured to be either single ended or fully differential. It can be programmed for either
microphone or line input and has a 3-bit digital gain setting of the input-amplifier in 3dB
steps to optimize it for the use of different microphones.
5.3.9
Microphone Input
Check the reference design in Figure 5 for the microphone input design.
5.3.10
Audio Output Stage
The output digital circuitry converts the signal from 16-bit per sample, linear PCM of
variable sampling frequency to a 2Mbits/sec multi-bit stream, which is fed into the analogue
output circuitry.
The output circuit comprises a digital to analogue converter with gain setting and output
amplifier.Its class-AB output-stage is capable of driving a signal on both channels of up to
2V
pk-pk- differential into a load of 16 . The output is available as a differential signal
between SPK_A_P and SPK_A_N for the left channel; and between SPK_B_P and
SPK_B_N for the right channel. The output is capable of driving a speaker directly if its
impedance is at least 8
if only one channel is connected or an external regulator is used.
The gain of the output stage is controlled by a 3-bit programmable resistive divider, which
sets the gain in steps of approximately 3dB.
The multi-bit stream from the digital circuitry is low pass filtered by a second order
bi-quad filter with a pole at 20kHz. The signal is then amplified in the fully differential
output stage, which has a gain bandwidth of typically 1MHz.
5.3.11
PCM
The audio pulse code modulation (PCM) interface supports continuous transmission and
reception of PCM encoded audio data over Bluetooth.
Pulse Code Modulation (PCM) is a standard method used to digitize audio (particularly
voice) for transmission over digital communication channels.Through its PCM interface,
BTM52
provide hardware support for continual transmission and reception of PCM
data, thus reducing processor overhead for wireless headset applications.BTM52offers a
bi-directional digital audio interface that routes directly into the baseband layer of the
on-chip firmware. It does not pass through the HCI protocol layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com