Electronic Components Datasheet Search
  English  ▼

X  

BTM52 Datasheet(PDF) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM52
Description  Bluetooth Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM52 Datasheet(HTML) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM52 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM52 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
http://www.buddies-tech.com
BTM52 DATASHEET
9
3.1 Pin Description
Pin# Pin Name
Pad Type
Description
1
UART_CTS
CMOS input with weak internal
pull-down
UART clear to send active low
2
UART_RTS
Bi-directional CMOS output,
tri-state, with weak internal
pull-up
UART request to send active low
3
UART_RX
CMOS input with weak internal
pull-down
UART data input
4
UART_TX
Bi-directional CMOS output,
tri-state, with weak internal pull-up
UART data output
5
NC
NC
NC
6
+3V3
VDD
Positive supply for BT Module (3.2V~3.6V)
7
+3V3
VDD
Positive supply for BT Module(3.2V~3.6V)
8
GND
Ground
Digital Ground
9
NRESET
CMOS input with weak internal
pull-up
Reset if low. Input debounced so must be low
for >5ms to cause a reset
10
PIO[4]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
11
PIO[12]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
12
PIO[10]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
13
PIO[9]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
14
PIO[15]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
15
PIO[11]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
16
PIO[13]
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com