Electronic Components Datasheet Search
  English  ▼

X  

ACS70331 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS70331 Datasheet HTML 1Page - Allegro MicroSystems ACS70331 Datasheet HTML 2Page - Allegro MicroSystems ACS70331 Datasheet HTML 3Page - Allegro MicroSystems ACS70331 Datasheet HTML 4Page - Allegro MicroSystems ACS70331 Datasheet HTML 5Page - Allegro MicroSystems ACS70331 Datasheet HTML 6Page - Allegro MicroSystems ACS70331 Datasheet HTML 7Page - Allegro MicroSystems ACS70331 Datasheet HTML 8Page - Allegro MicroSystems ACS70331 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Terminal List Table
Number
Name
Description
1, 2
IP+
Terminals for current being sensed; fused internally
3, 4
IP–
Terminals for current being sensed; fused internally
5
GND
Device ground terminal
6, 8, 9, 11
NC
No connection, ground for the best ESD performance
7
NC
This pin should be left unconnected during normal operation
10
VIOUT
Analog output representing the current flowing through IP
12
VCC
Device power supply terminal
Package ES, 12-Pin QFN
Pinout Diagram
PINOUT DIAGRAM AND TERMINAL LIST TABLE
10
9
8
7
1
2
3
4
VIOUT
NC
NC
NC
IP+
IP+
IP–
IP–
Terminal List Table
Number
Name
Description
1, 2
IP+
Terminals for current being sensed; fused internally
3, 4
IP–
Terminals for current being sensed; fused internally
5
GND
Device fround terminal
6
NC
This pin should be left unconnected during normal operation
7
VIOUT
Analog output representing the current flowing through IP
8
VCC
Device power supply terminal
Package OL, 8-Pin SOIC
Pinout Diagram
8
7
6
5
1
2
3
4
VCC
VIOUT
NC
GND
IP+
IP+
IP–
IP–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com