Electronic Components Datasheet Search
  English  ▼

X  

ACS70331 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button ACS70331 Datasheet HTML 18Page - Allegro MicroSystems ACS70331 Datasheet HTML 19Page - Allegro MicroSystems ACS70331 Datasheet HTML 20Page - Allegro MicroSystems ACS70331 Datasheet HTML 21Page - Allegro MicroSystems ACS70331 Datasheet HTML 22Page - Allegro MicroSystems ACS70331 Datasheet HTML 23Page - Allegro MicroSystems ACS70331 Datasheet HTML 24Page - Allegro MicroSystems ACS70331 Datasheet HTML 25Page - Allegro MicroSystems ACS70331 Datasheet HTML 26Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331
22
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Sensitivity Error (ESENS). The variation of the sensitivity from
its ideal, nominal value, Sens, expressed in percent. Sensitivity
error contributes directly to the Total Output Error, percent for
percent.
Zero-Current Output Voltage (VIOUT(Q)). The output of the
sensor when the primary current is zero. For a bidirectional
device (measures current in both directions), it is nominally 1.5 V,
and for a unidirectional device, it is nominally 0.25 V.
Offset Voltage (VOE). The deviation of the device output from its
ideal quiescent value of 1.5 V (bidirectional) or 0.25 V (unidirec-
tional). To convert this voltage to amperes, divide by the device
sensitivity, Sens.
Total Output Error (ETOT). The difference between the cur-
rent measurement from the sensor IC and the actual current (IP),
relative to the actual current. This is equivalent to the difference
between the ideal output voltage and the actual output voltage,
divided by the ideal sensitivity, relative to the current flowing
through the primary conduction path:
E(I)
TOTP
V(I) –V (I )
IOUT_ideal
PIOUTP
Sens (I )× I
idealP
P
× 100 (%)
=
The Total Output Error incorporates all sources of error and is a
function of IP. At relatively high currents, ETOT will be mostly
due to sensitivity error, and at relatively low currents, ETOT will
be mostly due to Offset Voltage (VOE). In fact, at IP = 0, ETOT
approaches infinity due to the offset. This is illustrated in Figure
8 and Figure 9. Figure 8 shows a distribution of output voltages
versus IP at 25°C and across temperature. Figure 9 shows the cor-
responding ETOT versus IP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com