Electronic Components Datasheet Search
  English  ▼

X  

ACS70331 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS70331 Datasheet HTML 1Page - Allegro MicroSystems ACS70331 Datasheet HTML 2Page - Allegro MicroSystems ACS70331 Datasheet HTML 3Page - Allegro MicroSystems ACS70331 Datasheet HTML 4Page - Allegro MicroSystems ACS70331 Datasheet HTML 5Page - Allegro MicroSystems ACS70331 Datasheet HTML 6Page - Allegro MicroSystems ACS70331 Datasheet HTML 7Page - Allegro MicroSystems ACS70331 Datasheet HTML 8Page - Allegro MicroSystems ACS70331 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Not to scale
The ACS70331 is Allegro’s first integrated, high sensitivity,
current sensor IC for <5 A current sensing applications. It
incorporates giant magneto-resistive (GMR) technology that
is 25 times more sensitive than traditional Hall-effect sensors
to sense the magnetic field generated by the current flowing
through the low resistance, integrated primary conductor.
The analog output provides a low noise high-speed signal,
which is proportional to the current flowing through the
primary. The response time of the part is typically 535 ns. The
ACS70331 is offered in four factory-programmed sensitivity
and offset levels to optimize performance over the desired
current measurement range.
ThedifferentialconfigurationoftheGMRelements,relativeto
the integrated current conductor, provides significant rejection
of stray magnetic fields, resulting in stable operation even in
magnetically noisy environments.
The ACS70331 operates from a single 3.3 V power supply
and is qualified over the full commercial temperature range
of –40°C to 85°C. It is offered in a low-profile, space-saving
surface mount QFN-12 and SOIC-8 packages.
ACS70331-DS, Rev. 2
MCO-0000343
• High sensitivity current sensor IC for sensing
up to 5 A (DC or AC)
• 1 MHz bandwidth with response time <550 ns
• Low noise: 8 mA(rms) at 1 MHz
• Non-ratiometric, analog output proportional to AC and
DC current
• Single 3.3 V supply operation
• High DC PSRR enables use with low accuracy
power supplies or batteries (3 to 4.5 V operation)
• 1.1 mΩ primary conductor resistance results in
low power loss
• Small surface mount QFN-12 and SOIC-8 packages for
space-constrained applications
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
TYPICAL APPLICATION
C
BYPASS
0.1 µF
ACS70331
CLOAD
1
2
3
4
10
9
8
5
IP+
IP+
IP–
IP–
VCC
VIOUT
GND
12
6
7
11
NC
NC
NC
NC
NC
IP
ACS70331
VCC
VIOUT
NC
GND
IP-
IP-
IP+
IP+
1
2
3
4
8
7
6
5
CBYPASS
0.1 µF
IP
SOIC-8
QFN-12
The output, VIOUT, of the ACS70331 responds
proportionally to the current flowing through IP.
FEATURES AND BENEFITS
DESCRIPTION
PACKAGES
12-contact QFN
3 mm × 3 mm × 0.75 mm
(ES package)
ACS70331
May 23, 2018
8-contact SOIC
(OL package)


Similar Part No. - ACS70331

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS70310 ALLEGRO-ACS70310 Datasheet
1Mb / 27P
Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
ACS70310LKTATN-001B5-C ALLEGRO-ACS70310LKTATN-001B5-C Datasheet
1Mb / 27P
Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
ACS70310LKTATN-005B5-C ALLEGRO-ACS70310LKTATN-005B5-C Datasheet
1Mb / 27P
Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
ACS70310LKTATN-010B5-C ALLEGRO-ACS70310LKTATN-010B5-C Datasheet
1Mb / 27P
Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
ACS70310LKTATN-2P5B5-C ALLEGRO-ACS70310LKTATN-2P5B5-C Datasheet
1Mb / 27P
Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
More results

Similar Description - ACS70331

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5010 INFINEON-TLE5010 Datasheet
2Mb / 56P
GMR Based Angular Sensor
V 0.9, May 2007
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
Infineon Technologies A...
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
logo
Allegro MicroSystems
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
logo
Infineon Technologies A...
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLE5014SP16E0002 INFINEON-TLE5014SP16E0002 Datasheet
912Kb / 29P
GMR-based Angle Sensor
Rev. 1.1 2019-04-04
logo
Allegro MicroSystems
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com