Electronic Components Datasheet Search
  English  ▼

X  

ACS70331 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS70331 Datasheet HTML 3Page - Allegro MicroSystems ACS70331 Datasheet HTML 4Page - Allegro MicroSystems ACS70331 Datasheet HTML 5Page - Allegro MicroSystems ACS70331 Datasheet HTML 6Page - Allegro MicroSystems ACS70331 Datasheet HTML 7Page - Allegro MicroSystems ACS70331 Datasheet HTML 8Page - Allegro MicroSystems ACS70331 Datasheet HTML 9Page - Allegro MicroSystems ACS70331 Datasheet HTML 10Page - Allegro MicroSystems ACS70331 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331
7
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ACS70331EESA-2P5U3 PERFORMANCE CHARACTERISTICS
: Valid over full range of TA, and VCC = 3.3 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
NOMINAL PERFORMANCE [2]
Current Sensing Range
IPR
0
–
2.5
A
Sensitivity
Sens
IPR(min) < IP < IPR(max)
–
800
–
mV/A
Zero Current Output Voltage
VIOUT(Q)
IP = 0 mA, TA = 25°C
–
0.25
–
V
ACCURACY PERFORMANCE
Total Output Error[3]
ETOT
Measured at IP = IPR(max), TA = 25°C
–
±2
–
%
Measured at IP = IPR(max), TA = –40°C to 85°C
–
±5
–
%
TOTAL OUTPUT ERROR COMPONENTS [4][5] ETOT = ESENS + 100 × VOE/(Sens × IP)
Sensitivity Error
Esens
Measured at IP = IPR(max), TA = 25°C
–
±1.5
–
%
Measured at IP = IPR(max), TA = –40°C to 85°C
–
±3
–
%
Offset Voltage
VOE
IP = 0 A, TA = 25°C
–
±15
–
mV
IP = 0 A, TA = –40°C to 85°C
–
±55
–
mV
[1]
Typical values with +/- are 3 sigma values.
[2]
See Ideal Output Transfer Curve section.
[3]
Percentage of IP, with IP = IPR(max).
[4]
A single part will not have both the maximum/minimum sensitivity error and maximum/minimum offset voltage, as that would violate the maximum/minimum total output
error specification. Also, 3 sigma distribution values are combined by taking the square root of the sum of the squares. See Application Information section.
[5]
See Lifetime Drift section for accuracy drift under different application temperatures, currents, and fields.
ACS70331EESA-2P5B3 PERFORMANCE CHARACTERISTICS
: Valid over full range of TA, and VCC = 3.3 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
NOMINAL PERFORMANCE [2]
Current Sensing Range
IPR
–2.5
–
2.5
A
Sensitivity
Sens
IPR(min) < IP < IPR(max)
–
400
–
mV/A
Zero Current Output Voltage
VIOUT(Q)
IP = 0 mA, TA = 25°C
–
1.5
–
V
ACCURACY PERFORMANCE
Total Output Error[3]
ETOT
Measured at IP = IPR(max), TA = 25°C
–
±2
–
%
Measured at IP = IPR(max), TA = –40°C to 85°C
–
±3
–
%
TOTAL OUTPUT ERROR COMPONENTS [4][5] ETOT = ESENS + 100 × VOE/(Sens × IP)
Sensitivity Error
Esens
Measured at IP = IPR(max), TA = 25°C
–
±1.5
–
%
Measured at IP = IPR(max), TA = –40°C to 85°C
–
±3
–
%
Offset Voltage
VOE
IP = 0 A, TA = 25°C
–
±10
–
mV
IP = 0 A, TA = –40°C to 85°C
–
±40
–
mV
[1]
Typical values with +/- are 3 sigma values.
[2]
See Ideal Output Transfer Curve section.
[3]
Percentage of IP, with IP = IPR(max).
[4]
A single part will not have both the maximum/minimum sensitivity error and maximum/minimum offset voltage, as that would violate the maximum/minimum total output
error specification. Also, 3 sigma distribution values are combined by taking the square root of the sum of the squares. See Application Information section.
[5]
See Lifetime Drift section for accuracy drift under different application temperatures, currents, and fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com