Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 273 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 273 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 269Page - Texas Instruments AM5728 Datasheet HTML 270Page - Texas Instruments AM5728 Datasheet HTML 271Page - Texas Instruments AM5728 Datasheet HTML 272Page - Texas Instruments AM5728 Datasheet HTML 273Page - Texas Instruments AM5728 Datasheet HTML 274Page - Texas Instruments AM5728 Datasheet HTML 275Page - Texas Instruments AM5728 Datasheet HTML 276Page - Texas Instruments AM5728 Datasheet HTML 277Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 415 page
background image
1-WIRE
Vayu_HDQ1W_05
t
RTSL
t
PDH
t
PDL
t
RSTH
HDQ
Break
0_(LSB)
1
6
7_(MSB)
t
RSPS
1
6
Command_byte_written
Data_byte_received
0_(LSB)
Vayu_HDQ1W_04
HDQ
Vayu_HDQ1W_03
t
CYCD
t
DW0
t
DW1
273
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-27. Device HDQ Interface Bit Write Timing (Command / Address or Data)
Figure 7-28. HDQ Communication Timing
7.13.2 HDQ/1-Wire—1-Wire Mode
Table 7-39 and Table 7-40 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 7-29, Figure 7-30, and Figure 7-31).
Table 7-39. HDQ / 1-Wire Timing Requirements - 1-Wire Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
10
tPDH
Presence pulse delay high
15
60
µs
11
tPDL
Presence pulse delay low
60
240
µs
12
tRDV
Read data valid time
tLOWR
15
µs
13
tREL
Read data release time
0
45
µs
Table 7-40. HDQ / 1-Wire Switching Characteristics - 1-Wire Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
14
tRSTL
Reset time low
480
960
µs
15
tRSTH
Reset time high
480
µs
16
tSLOT
Bit cycle time
60
120
µs
17
tLOW1
Write bit-one time
1
15
µs
18
tLOW0
Write bit-zero time(2)
60
120
µs
19
tREC
Recovery time
1
µs
20
tLOWR
Read bit strobe time(1)
1
15
µs
(1) tLOWR (low pulse sent by the master) must be short as possible to maximize the master sampling window.
(2) tLOW0 must be less than tSLOT.
Figure 7-29. 1-Wire—Break (Reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com