Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 271 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 271 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 267Page - Texas Instruments AM5728 Datasheet HTML 268Page - Texas Instruments AM5728 Datasheet HTML 269Page - Texas Instruments AM5728 Datasheet HTML 270Page - Texas Instruments AM5728 Datasheet HTML 271Page - Texas Instruments AM5728 Datasheet HTML 272Page - Texas Instruments AM5728 Datasheet HTML 273Page - Texas Instruments AM5728 Datasheet HTML 274Page - Texas Instruments AM5728 Datasheet HTML 275Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 415 page
background image
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
I2Ci_SDA
I2Ci_SCL
16
26
24
271
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-36 and Figure 7-24 assume testing over the recommended operating conditions and electrical
characteristic conditions below.
Table 7-36. Switching Characteristics Over Recommended Operating Conditions for I2C Output Timings(2)
NO.
PARAMETER
DESCRIPTION
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
16
tc(SCL)
Cycle time, SCL
10
2.5
µs
17
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a
repeated START condition)
4.7
0.6
µs
18
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a
START and a repeated START condition)
4
0.6
µs
19
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
20
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
21
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100
ns
22
th(SCLL-SDAV)
Hold time, SDA valid after SCL low (for I2C
bus devices)
0
3.45
0
0.9
µs
23
tw(SDAH)
Pulse duration, SDA high between STOP and
START conditions
4.7
1.3
µs
24
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb
(1) (3)
300(3)
ns
25
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb
(1) (3)
300(3)
ns
26
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb
(1) (3)
300(3)
ns
27
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb
(1) (3)
300(3)
ns
28
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for
STOP condition)
4
0.6
µs
29
Cp
Capacitance for each I2C pin
10
10
pF
(1) Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
(2) Software must properly configure the I2C module registers to achieve the timings shown in this table. See the Device TRM for details.
(3) These timings apply only to I2C1 and I2C2. I2C3, I2C4, and I2C5 use standard LVCMOS buffers to emulate open-drain buffers and their
rise/fall times should be referenced in the device IBIS model.
NOTE
I2C emulation is achieved by configuring the LVCMOS buffers to output Hi-Z instead of
driving high when transmitting logic-1.
Figure 7-24. I2C Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com