| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 286 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 286 Page - Texas Instruments |
|
286 / 415 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Timing Requirements and Switching Characteristics Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 286 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Table 7-48. Manual Functions Mapping for QSPI BALL BALL NAME QSPI_MODE0_MANUAL1 CFG REGISTER MUXMODE A_DELAY (ps) G_DELAY (ps) 1 T7 gpmc_a3 114 0 CFG_GPMC_A3_OUT qspi1_cs2 P6 gpmc_a4 91 0 CFG_GPMC_A4_OUT qspi1_cs3 R3 gpmc_a13 0 0 CFG_GPMC_A13_IN qspi1_rtclk T2 gpmc_a14 2575 966 CFG_GPMC_A14_IN qspi1_d3 U2 gpmc_a15 2503 889 CFG_GPMC_A15_IN qspi1_d2 U1 gpmc_a16 2528 1007 CFG_GPMC_A16_IN qspi1_d0 U1 gpmc_a16 0 0 CFG_GPMC_A16_OUT qspi1_d0 P3 gpmc_a17 2533 980 CFG_GPMC_A17_IN qspi1_d1 R2 gpmc_a18 590 0 CFG_GPMC_A18_OUT qspi1_sclk P2 gpmc_cs2 0 0 CFG_GPMC_CS2_OUT qspi1_cs0 P1 gpmc_cs3 70 0 CFG_GPMC_CS3_OUT qspi1_cs1 7.17 Multichannel Audio Serial Port (McASP) The multichannel audio serial port (McASP) functions as a general-purpose audio serial port optimized for the needs of multichannel audio applications. The McASP is useful for time-division multiplexed (TDM) stream, Inter-Integrated Sound (I2S) protocols, and inter-component digital audio interface transmission (DIT). The device have integrated 8 McASP modules (McASP1-McASP8) with: • McASP1 and McASP2 modules supporting 16 channels with independent TX/RX clock/sync domain • McASP3 through McASP8 modules supporting 4 channels with independent TX/RX clock/sync domain NOTE For more information, see the Multichannel Audio Serial Port section of the Device TRM. CAUTION The IO Timings provided in this section are only valid for some McASP usage modes when the corresponding Virtual IO Timings or Manual IO Timings are configured as described in the tables found in this section. Table 7-49, Table 7-50, Table 7-51 and Figure 7-41 present Timing Requirements for McASP1 to McASP8. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |