Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 376 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 376 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 372Page - Texas Instruments AM5728 Datasheet HTML 373Page - Texas Instruments AM5728 Datasheet HTML 374Page - Texas Instruments AM5728 Datasheet HTML 375Page - Texas Instruments AM5728 Datasheet HTML 376Page - Texas Instruments AM5728 Datasheet HTML 377Page - Texas Instruments AM5728 Datasheet HTML 378Page - Texas Instruments AM5728 Datasheet HTML 379Page - Texas Instruments AM5728 Datasheet HTML 380Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 415 page
background image
DDR_CLK
1
376
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
(1) Power consumption is highly application-specific. Separate analysis must be performed to ensure output current ratings (average and
peak) is within the limits of the PMIC for all rails of the device.
(2) Refer to the PMIC data manual for the latest TPS659037 specifications
(3) For more information on connectivity with the TPS659037 PMIC, see the TPS659037 User’s Guide to Power AM572x (SLIU011).
(4) A product’s maximum ambient temperature, thermal system design & heat spreading performance could limit the maximum power
dissipation below the full PMIC capacity in order to not exceed recommended SoC max Tj
8.2
DDR3 Board Design and Layout Guidelines
8.2.1
DDR3 General Board Layout Guidelines
To help ensure good signaling performance, consider the following board design guidelines:
•
Avoid crossing splits in the power plane.
•
Minimize Vref noise.
•
Use the widest trace that is practical between decoupling capacitors and memory module.
•
Maintain a single reference.
•
Minimize ISI by keeping impedances matched.
•
Minimize crosstalk by isolating sensitive bits, such as strobes, and avoiding return path discontinuities.
•
Use proper low-pass filtering on the Vref pins.
•
Keep the stub length as short as possible.
•
Add additional spacing for on-clock and strobe nets to eliminate crosstalk.
•
Maintain a common ground reference for all bypass and decoupling capacitors.
•
Take into account the differences in propagation delays between microstrip and stripline nets when
evaluating timing constraints.
8.2.2
DDR3 Board Design and Layout Guidelines
8.2.2.1
Board Designs
TI only supports board designs using DDR3 memory that follow the guidelines in this document. The
switching characteristics and timing diagram for the DDR3 memory controller are shown in Table 8-2 and
Figure 8-1.
Table 8-2. Switching Characteristics Over Recommended Operating Conditions for DDR3 Memory
Controller
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(DDR_CLK)
Cycle time, DDR_CLK
1.875
2.5(1)
ns
(1) This is the absolute maximum the clock period can be. Actual maximum clock period may be limited by DDR3 speed grade and
operating frequency (see the DDR3 memory device data sheet).
Figure 8-1. DDR3 Memory Controller Clock Timing
8.2.2.2
DDR3 EMIFs
The processor contains two separate DDR3 EMIFs. This specification covers one of these EMIFs (ddr1_*)
and, thus, needs to be implemented twice, once for each EMIF. The PCB layout generally turns out to be
a semi-mirror with ddr2_* being a flipped version of ddr1_*; the only exception being the DDR3 devices
themselves are not flipped unless mounted on opposite sides of the PCB. Requirements are identical
between the two EMIFs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com