Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 375 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 375 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 371Page - Texas Instruments AM5728 Datasheet HTML 372Page - Texas Instruments AM5728 Datasheet HTML 373Page - Texas Instruments AM5728 Datasheet HTML 374Page - Texas Instruments AM5728 Datasheet HTML 375Page - Texas Instruments AM5728 Datasheet HTML 376Page - Texas Instruments AM5728 Datasheet HTML 377Page - Texas Instruments AM5728 Datasheet HTML 378Page - Texas Instruments AM5728 Datasheet HTML 379Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 415 page
background image
375
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8
Applications, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test design implementation to confirm system functionality.
8.1
Power Supply Mapping
TPS659037 is the Power Management IC (PMIC) that should be used for the Device designs. TI requires
use of this PMIC for the following reasons:
•
TI has validated its use with the Device
•
Board level margins including transient response and output accuracy are analyzed and optimized for
the entire system
•
Support for power sequencing requirements (refer to Section 5.9 Power Supply Sequences)
•
Support for Adaptive Voltage Scaling (AVS) Class 0 requirements, including TI provided software
Whenever we allow for combining of rails mapped on any of the SMPSes, the PDN guidelines that are the
most stringent of the rails combined should be implemented for the particular supply rail.
It is possible that some voltage domains on the device are unused in some systems. In such cases, to
ensure device reliability, it is still required that the supply pins for the specific voltage domains are
connected to some core power supply output.
These unused supplies though can be combined with any of the core supplies that are used (active) in the
system. e.g. if IVA and GPU domains are not used, they can be combined with the CORE domain,
thereby having a single power supply driving the combined CORE, IVA and GPU domains.
For the combined rail, the following relaxations do apply:
•
The AVS voltage of active rail in the combined rail needs to be used to set the power supply
•
The decoupling capacitance should be set according to the active rail in the combined rail
Table 8-1 illustrates the approved and validated power supply connections to the Device for the SMPS
outputs of the TPS659037 PMIC.
Table 8-1. TPS659037 Power Supply Connections(1)
TPS659037 Power Supply
Valid Combination 1
Valid Combination 2
SMPS1/2(2)
vdd_mpu
vdd_mpu
SMPS3
vdds_ddr1, vdds_ddr2
vdds_ddr1, vdds_ddr2
SMPS4/5
vdd_dspeve, vdd_gpu, vdd_iva
vdd_dspeve
SMPS6
vdd
vdd_gpu
SMPS7
SW configuration after boot
vdd
SMPS8
vdds18v
vdd_iva
SMPS9
SW configuration after boot 3.3V
vddshvx
LDO1
vddshv8
vddshv8
LDO2
vddshv5
vdds18v
LDO3
vdda_usb1, vdda_usb2, vdda_usb3,
vdda_sata
vdda_usb1, vdda_usb2, vdda_usb3,
vdda_sata
LDO4
vdda_hdmi, vdda_pcie, vdda_pcie0,
vdda_pcie1
vdda_hdmi, vdda_pcie, vdda_pcie0,
vdda_pcie1
LDO9
vdd_rtc
vdd_rtc
LDOLN
1.8V PLLs
1.8V PLLs
LDOUSB
vdda_usb3v3
vdda_usb3v3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com