Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 377 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 377 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 373Page - Texas Instruments AM5728 Datasheet HTML 374Page - Texas Instruments AM5728 Datasheet HTML 375Page - Texas Instruments AM5728 Datasheet HTML 376Page - Texas Instruments AM5728 Datasheet HTML 377Page - Texas Instruments AM5728 Datasheet HTML 378Page - Texas Instruments AM5728 Datasheet HTML 379Page - Texas Instruments AM5728 Datasheet HTML 380Page - Texas Instruments AM5728 Datasheet HTML 381Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 415 page
background image
377
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.2.2.3
DDR3 Device Combinations
Because there are several possible combinations of device counts and single- or dual-side mounting,
Table 8-3 summarizes the supported device configurations.
Table 8-3. Supported DDR3 Device Combinations(1)
NUMBER OF DDR3 DEVICES
DDR3 DATA DEVICE WIDTH
(BITS)
MIRRORED?
DDR3 EMIF WIDTH (BITS)
1
16
N
16
2
8
Y(2)
16
2
16
N
32
2
16
Y(2)
32
3
16
N(4)
32
4
8
N
32
4
8
Y(3)
32
5
8
N(4)
32
(1) This table is per EMIF.
(2) Two DDR3 devices are mirrored when one device is placed on the top of the board and the second device is placed on the bottom of
the board.
(3) This is two mirrored pairs of DDR3 devices.
(4) The DDR memory connected to the DDR ECC bus does NOT need to be the same part number as the DDR memories connected to the
DDR data bus. However, some constraints do apply. When selecting a memory for the DDR ECC bus, the following restrictions must be
adhered to as compared to the DDR memories on the data bus:
–
Match the same DDR3 speed grade
–
Have an equal number of internal banks
–
Have an equal number of columns
–
Have a greater or equal number of rows
8.2.2.4
DDR3 Interface Schematic
8.2.2.4.1 32-Bit DDR3 Interface
The DDR3 interface schematic varies, depending upon the width of the DDR3 devices used and the width
of the bus used (16 or 32 bits). General connectivity is straightforward and very similar. 16-bit DDR
devices look like two 8-bit devices. Figure 8-2 and Figure 8-3 show the schematic connections for 32-bit
interfaces using x16 devices.
8.2.2.4.2 16-Bit DDR3 Interface
Note that the 16-bit wide interface schematic is practically identical to the 32-bit interface (see Figure 8-2
and Figure 8-3); only the high-word DDR memories are removed and the unused DQS inputs are tied off.
When not using all or part of a DDR interface, the proper method of handling the unused pins is to tie off
the ddrx_dqsi pins to ground via a 1k-
Ω resistor and to tie off the ddrx_dqsni pins to the corresponding
vdds_ddrx supply via a 1k-
Ω resistor. This needs to be done for each byte not used. Although these
signals have internal pullups and pulldowns, external pullups and pulldowns provide additional protection
against external electrical noise causing activity on the signals.
The vdds_ddrx and ddrx_vref0 power supply pins need to be connected to their respective power supplies
even if ddrx is not being used. All other DDR interface pins can be left unconnected. Note that the
supported modes for use of the DDR EMIF are 32-bits wide, 16-bits wide, or not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com