Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 381 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 381 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 377Page - Texas Instruments AM5728 Datasheet HTML 378Page - Texas Instruments AM5728 Datasheet HTML 379Page - Texas Instruments AM5728 Datasheet HTML 380Page - Texas Instruments AM5728 Datasheet HTML 381Page - Texas Instruments AM5728 Datasheet HTML 382Page - Texas Instruments AM5728 Datasheet HTML 383Page - Texas Instruments AM5728 Datasheet HTML 384Page - Texas Instruments AM5728 Datasheet HTML 385Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 415 page
background image
381
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Table 8-6. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
PS1
PCB routing/plane layers
6
PS2
Signal routing layers
3
PS3
Full ground reference layers under DDR3 routing region(1)
1
PS4
Full 1.5-V power reference layers under the DDR3 routing region(1)
1
PS5
Number of reference plane cuts allowed within DDR routing region(2)
0
PS6
Number of layers between DDR3 routing layer and reference plane(3)
0
PS7
PCB routing feature size
4
Mils
PS8
PCB trace width, w
4
Mils
PS9
Single-ended impedance, Zo
50
75
Ω
PS10
Impedance control(5)
Z-5
Z
Z+5
Ω
(1) Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(2) No traces should cross reference plane cuts within the DDR routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3) Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4) An 18-mil pad assumes Via Channel is the most economical BGA escape. A 20-mil pad may be used if additional layers are available
for power routing. An 18-mil pad is required for minimum layer count escape.
(5) Z is the nominal singled-ended impedance selected for the PCB specified by PS9.
8.2.2.7
Placement
Figure 8-4 shows the required placement for the processor as well as the DDR3 devices. The dimensions
for this figure are defined in Table 8-7. The placement does not restrict the side of the PCB on which the
devices are mounted. The ultimate purpose of the placement is to limit the maximum trace lengths and
allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR3 devices are
omitted from the placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com