Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 385 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 385 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 381Page - Texas Instruments AM5728 Datasheet HTML 382Page - Texas Instruments AM5728 Datasheet HTML 383Page - Texas Instruments AM5728 Datasheet HTML 384Page - Texas Instruments AM5728 Datasheet HTML 385Page - Texas Instruments AM5728 Datasheet HTML 386Page - Texas Instruments AM5728 Datasheet HTML 387Page - Texas Instruments AM5728 Datasheet HTML 388Page - Texas Instruments AM5728 Datasheet HTML 389Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 415 page
background image
385
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
vias is permitted on the same side of the board.
(9) An HS bypass capacitor may share a via with a DDR device mounted on the same side of the PCB. A wide trace should be used for the
connection and the length from the capacitor pad to the DDR device pad should be less than 150 mils.
(10) Up to a total of two pairs of DDR power/ground balls may share a via.
(11) The capacitor recommendations in this data manual reflect only the needs of this processor. Please see the memory vendor’s
guidelines for determining the appropriate decoupling capacitor arrangement for the memory device itself.
(12) For more information, see , Core Power Domains
8.2.2.10.1 Return Current Bypass Capacitors
Use additional bypass capacitors if the return current reference plane changes due to DDR3 signals
hopping from one signal layer to another. The bypass capacitor here provides a path for the return current
to hop planes along with the signal. As many of these return current bypass capacitors should be used as
possible. Because these are returns for signal current, the signal via size may be used for these
capacitors.
8.2.2.11 Net Classes
Table 8-10 lists the clock net classes for the DDR3 interface. Table 8-11 lists the signal net classes, and
associated clock net classes, for signals in the DDR3 interface. These net classes are used for the
termination and routing rules that follow.
Table 8-10. Clock Net Class Definitions
CLOCK NET CLASS
processor PIN NAMES
CK
ddrx_ck / ddrx_nck
DQS0
ddrx_dqs0 / ddrx_dqsn0
DQS1
ddrx_dqs1 / ddrx_dqsn1
DQS2(1)
ddrx_dqs2 / ddrx_dqsn2
DQS3(1)
ddrx_dqs3 / ddrx_dqsn3
(1) Only used on 32-bit wide DDR3 memory systems.
Table 8-11. Signal Net Class Definitions
SIGNAL NET CLASS
ASSOCIATED CLOCK
NET CLASS
processor PIN NAMES
ADDR_CTRL
CK
ddrx_ba[2:0], ddrx_a[14:0], ddrx_csnj, ddrx_casn, ddrx_rasn, ddrx_wen,
ddrx_cke, ddrx_odti
DQ0
DQS0
ddrx_d[7:0], ddrx_dqm0
DQ1
DQS1
ddrx_d[15:8], ddrx_dqm1
DQ2(1)
DQS2
ddrx_d[23:16], ddrx_dqm2
DQ3(1)
DQS3
ddrx_d[31:24], ddrx_dqm3
(1) Only used on 32-bit wide DDR3 memory systems.
8.2.2.12 DDR3 Signal Termination
Signal terminators are required for the CK and ADDR_CTRL net classes. The data lines are terminated by
ODT and, thus, the PCB traces should be unterminated. Detailed termination specifications are covered in
the routing rules in the following sections.
8.2.2.13 VREF_DDR Routing
ddrx_vref0 (VREF) is used as a reference by the input buffers of the DDR3 memories as well as the
processor. VREF is intended to be half the DDR3 power supply voltage and is typically generated with the
DDR3 VDDS and VTT power supply. It should be routed as a nominal 20-mil wide trace with 0.1 µF
bypass capacitors near each device connection. Narrowing of VREF is allowed to accommodate routing
congestion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com