Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 383 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 383 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 379Page - Texas Instruments AM5728 Datasheet HTML 380Page - Texas Instruments AM5728 Datasheet HTML 381Page - Texas Instruments AM5728 Datasheet HTML 382Page - Texas Instruments AM5728 Datasheet HTML 383Page - Texas Instruments AM5728 Datasheet HTML 384Page - Texas Instruments AM5728 Datasheet HTML 385Page - Texas Instruments AM5728 Datasheet HTML 386Page - Texas Instruments AM5728 Datasheet HTML 387Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 415 page
background image
DDR3
Controller
PCB_DDR3_3
DDR3 Keepout Region
383
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
(1) DDR3 keepout region to encompass entire DDR3 routing area.
(2) Non-DDR3 signals allowed within DDR3 keepout region provided they are separated from DDR3 routing layers by a ground plane.
(3) If a device has more than one DDR controller, the signals from the other controller(s) are considered non-DDR3 and should be
separated by this specification.
8.2.2.8
DDR3 Keepout Region
The region of the PCB used for DDR3 circuitry must be isolated from other signals. The DDR3 keepout
region is defined for this purpose and is shown in Figure 8-5. The size of this region varies with the
placement and DDR routing. Additional clearances required for the keepout region are shown in Table 8-
7. Non-DDR3 signals should not be routed on the DDR signal layers within the DDR3 keepout region.
Non-DDR3 signals may be routed in the region, provided they are routed on layers separated from the
DDR signal layers by a ground layer. No breaks should be allowed in the reference ground layers in this
region. In addition, the 1.5-V DDR3 power plane should cover the entire keepout region. Also note that the
two signals from the DDR3 controller should be separated from each other by the specification in Table 8-
7, (see KOD37).
Figure 8-5. DDR3 Keepout Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com