Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 395 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 395 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 391Page - Texas Instruments AM5728 Datasheet HTML 392Page - Texas Instruments AM5728 Datasheet HTML 393Page - Texas Instruments AM5728 Datasheet HTML 394Page - Texas Instruments AM5728 Datasheet HTML 395Page - Texas Instruments AM5728 Datasheet HTML 396Page - Texas Instruments AM5728 Datasheet HTML 397Page - Texas Instruments AM5728 Datasheet HTML 398Page - Texas Instruments AM5728 Datasheet HTML 399Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 415 page
background image
Dn
n = 0, 1, 2, 3
DQ and DM
DQSn+
DQSn-
n = 0, 1, 2, 3
Routed Differentially
DQS
395
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-24. DQS Routing With Any Number of Allowed DDR3 Devices
Figure 8-25. DQ/DM Routing With Any Number of Allowed DDR3 Devices
8.2.2.17 Routing Specification
8.2.2.17.1 CK and ADDR_CTRL Routing Specification
Skew within the CK and ADDR_CTRL net classes directly reduces setup and hold margin and, thus, this
skew must be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter
traces up to the length of the longest net in the net class and its associated clock. A metric to establish
this maximum length is Manhattan distance. The Manhattan distance between two points on a PCB is the
length between the points when connecting them only with horizontal or vertical segments. A reasonable
trace route length is to within a percentage of its Manhattan distance. CACLM is defined as Clock Address
Control Longest Manhattan distance.
Given the clock and address pin locations on the processor and the DDR3 memories, the maximum
possible Manhattan distance can be determined given the placement. Figure 8-26 and Figure 8-27 show
this distance for four loads and two loads, respectively. It is from this distance that the specifications on
the lengths of the transmission lines for the address bus are determined. CACLM is determined similarly
for other address bus configurations; that is, it is based on the longest net of the CK/ADDR_CTRL net
class. For CK and ADDR_CTRL routing, these specifications are contained in Table 8-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com