Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVT
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA388IDBVT Datasheet HTML 1Page - Texas Instruments OPA388IDBVT Datasheet HTML 2Page - Texas Instruments OPA388IDBVT Datasheet HTML 3Page - Texas Instruments OPA388IDBVT Datasheet HTML 4Page - Texas Instruments OPA388IDBVT Datasheet HTML 5Page - Texas Instruments OPA388IDBVT Datasheet HTML 6Page - Texas Instruments OPA388IDBVT Datasheet HTML 7Page - Texas Instruments OPA388IDBVT Datasheet HTML 8Page - Texas Instruments OPA388IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
OPA388, OPA2388, OPA4388
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information: OPA388 .................................. 7
6.5
Thermal Information: OPA2388 ................................ 7
6.6
Thermal Information: OPA4388 ................................ 7
6.7
Electrical Characteristics: VS = ±1.25 V to ±2.75 V
(VS = 2.5 to 5.5 V)...................................................... 8
6.8
Typical Characteristics ............................................ 10
7
Detailed Description ............................................ 18
7.1
Overview ................................................................. 18
7.2
Functional Block Diagram ....................................... 18
7.3
Feature Description................................................. 19
7.4
Device Functional Modes........................................ 20
8
Application and Implementation ........................ 21
8.1
Application Information............................................ 21
8.2
Typical Applications ................................................ 21
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Device Support...................................................... 27
11.2
Documentation Support ........................................ 27
11.3
Related Links ........................................................ 27
11.4
Receiving Notification of Documentation Updates 28
11.5
Community Resources.......................................... 28
11.6
Trademarks ........................................................... 28
11.7
Electrostatic Discharge Caution ............................ 28
11.8
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (January 2019) to Revision C
Page
•
Changed OPA4388 from advanced information (preview) to production data (active) .......................................................... 1
•
Added VOS specifications OPA4388. ..................................................................................................................................... 8
•
Added dVOS/dT specifications for OPA4388.......................................................................................................................... 8
•
Added PSRR specifications for OPA4388............................................................................................................................. 8
•
Added IB specifications for OPA4388 .................................................................................................................................... 8
•
Added IOS specifications for OPA4388 .................................................................................................................................. 8
•
Added CMRR specifications for OPA4388 ............................................................................................................................. 8
•
Added AOL specifications for OPA4388................................................................................................................................. 9
Changes from Revision A (July 2018) to Revision B
Page
•
Changed OPA388 DBV (SOT-23) package from preview to production data ...................................................................... 1
•
Deleted redundant temperature specification in EC table. ..................................................................................................... 9
•
Added Figure 6, Offset Voltage vs Supply Voltage: OPA4388 ............................................................................................ 11
•
Added Figure 7, Offset Voltage Long Term Drift .................................................................................................................. 12
•
Changed Figure 50, OPA388 Layout Example; updated for accuracy ................................................................................ 26
Changes from Original (December 2016) to Revision A
Page
•
Changed device status from Production Data to Production Data/Mixed Status ................................................................... 1
•
Added top navigator link for TI reference design ................................................................................................................... 1
•
Added preview notes to 5-pin SOT-23 (OPA388), 8-pin SOIC (OPA2388), 14-pin SOIC, and 14-pin TSSOP
(OPA4388) packages in Device Information table ................................................................................................................. 1
•
Added package preview notes to Pin Configuration and Functions section .......................................................................... 4
•
AOL test condition changed to 0.15 V from 0.1 V .................................................................................................................. 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com