Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVT
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA388IDBVT Datasheet HTML 5Page - Texas Instruments OPA388IDBVT Datasheet HTML 6Page - Texas Instruments OPA388IDBVT Datasheet HTML 7Page - Texas Instruments OPA388IDBVT Datasheet HTML 8Page - Texas Instruments OPA388IDBVT Datasheet HTML 9Page - Texas Instruments OPA388IDBVT Datasheet HTML 10Page - Texas Instruments OPA388IDBVT Datasheet HTML 11Page - Texas Instruments OPA388IDBVT Datasheet HTML 12Page - Texas Instruments OPA388IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
OPA388, OPA2388, OPA4388
www.ti.com
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Electrical Characteristics: VS = ±1.25 V to ±2.75 V (VS = 2.5 to 5.5 V) (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.15 V < VO < (V+) – 0.15 V, RLOAD = 10 kΩ
126
148
dB
(V–) + 0.15 V < VO < (V+) – 0.15 V,
RLOAD = 10 kΩ,
TA = –40°C to +125°C
OPA388, OPA2388
120
126
(V–) + 0.15 V < VO < (V+) – 0.15 V,
RLOAD = 10 kΩ, VS = 5.5 V
TA = –40°C to +125°C
OPA4388
120
126
(V–) + 0.25 V < VO < (V+) – 0.25 V, RLOAD = 2 kΩ
126
148
(V–) + 0.30 V < VO < (V+) – 0.30 V,
RLOAD = 2 kΩ
OPA388, OPA2388
120
148
(V–) + 0.30 V < VO < (V+) – 0.30 V,
RLOAD = 2 kΩ, VS = 5.5 V
TA = –40°C to +125°C
OPA4388
120
126
FREQUENCY RESPONSE
GBW
Unity-gain bandwidth
10
MHz
SR
Slew rate
G = 1, 4-V step
5
V/µs
THD+N
Total harmonic distortion +
noise
G = 1, f = 1 kHz, VO = 1 VRMS
0.0005%
tS
Settling time
To 0.1%
VS = ±2.5 V, G = 1,
1-V step
0.75
µs
To 0.01%
VS = ±2.5 V, G = 1,
1-V step
2
µs
tOR
Overload recovery time
VIN × G = VS
10
µs
OUTPUT
VO
Voltage output swing from
rail
Positive rail
No load
1
15
mV
RLOAD = 10 kΩ
5
20
RLOAD = 2 kΩ
20
50
Negative rail
No load
5
15
RLOAD = 10 kΩ
10
20
RLOAD = 2 kΩ
40
60
TA = –40°C to +125°C, both rails, RLOAD = 10 kΩ
10
25
ISC
Short-circuit current
VS = 5.5 V
±60
mA
VS = 2.5 V
±30
mA
CLOAD
Capacitive load drive
See Figure 26
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A, see Figure 25
100
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = ±1.25 V (VS = 2.5 V)
IO = 0 A
1.7
2.4
mA
TA = –40°C to +125°C,
IO = 0 A
1.7
2.4
VS = ±2.75 V (VS = 5.5 V)
IO = 0 A
1.9
2.6
TA = –40°C to +125°C,
IO = 0 A
1.9
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com