Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVT
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA388IDBVT Datasheet HTML 6Page - Texas Instruments OPA388IDBVT Datasheet HTML 7Page - Texas Instruments OPA388IDBVT Datasheet HTML 8Page - Texas Instruments OPA388IDBVT Datasheet HTML 9Page - Texas Instruments OPA388IDBVT Datasheet HTML 10Page - Texas Instruments OPA388IDBVT Datasheet HTML 11Page - Texas Instruments OPA388IDBVT Datasheet HTML 12Page - Texas Instruments OPA388IDBVT Datasheet HTML 13Page - Texas Instruments OPA388IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
OPA388, OPA2388, OPA4388
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
6.8 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution From –40°C to +125°C
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4
Offset Voltage vs Power Supply: OPA388 and OPA2388
Figure 5
Offset Voltage vs Power Supply: OPA4388
Figure 6
Offset Voltage Long Term Drift
Figure 7
Open-Loop Gain and Phase vs Frequency
Figure 8
Closed-Loop Gain and Phase vs Frequency
Figure 9
Input Bias Current vs Common-Mode Voltage
Figure 10
Input Bias Current vs Temperature
Figure 11
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 12
CMRR and PSRR vs Frequency
Figure 13
CMRR vs Temperature
Figure 14
PSRR vs Temperature
Figure 15
0.1-Hz to 10-Hz Noise
Figure 16
Input Voltage Noise Spectral Density vs Frequency
Figure 17
THD+N Ratio vs Frequency
Figure 18
THD+N vs Output Amplitude
Figure 19
Spectral Content
Figure 20, Figure 21
Quiescent Current vs Supply Voltage
Figure 22
Quiescent Current vs Temperature
Figure 23
Open-Loop Gain vs Temperature
Figure 24
Open-Loop Output Impedance vs Frequency
Figure 25
Small-Signal Overshoot vs Capacitive Load (10-mV Step)
Figure 26
No Phase Reversal
Figure 27
Positive Overload Recovery
Figure 28
Negative Overload Recovery
Figure 29
Small-Signal Step Response (10-mV Step)
Figure 30, Figure 31
Large-Signal Step Response (4-V Step)
Figure 32 , Figure 33
Settling Time
Figure 34, Figure 35
Short-Circuit Current vs Temperature
Figure 36
Maximum Output Voltage vs Frequency
Figure 37
EMIRR vs Frequency
Figure 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com