Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVT
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA388IDBVT Datasheet HTML 17Page - Texas Instruments OPA388IDBVT Datasheet HTML 18Page - Texas Instruments OPA388IDBVT Datasheet HTML 19Page - Texas Instruments OPA388IDBVT Datasheet HTML 20Page - Texas Instruments OPA388IDBVT Datasheet HTML 21Page - Texas Instruments OPA388IDBVT Datasheet HTML 22Page - Texas Instruments OPA388IDBVT Datasheet HTML 23Page - Texas Instruments OPA388IDBVT Datasheet HTML 24Page - Texas Instruments OPA388IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
+
+
±
ILOAD
VBUS
VOUT
VCC
VCC
VREF
+
±
VSHUNT
VCC
U1A
U1B
R4
RSHUNT
R1
R3
RL
R5
R6
R2
21
OPA388, OPA2388, OPA4388
www.ti.com
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPAx388 is a unity-gain stable, precision operational amplifier family free from unexpected output and
phase reversal. The use of proprietary zero-drift circuitry gives the benefit of low input offset voltage over time
and temperature, as well as lowering the 1/f noise component. As a result of the high PSRR, these devices work
well in applications that run directly from battery power without regulation. The OPAx388 family is optimized for
full rail-to-rail input, allowing for low-voltage, single-supply operation or split-supply use. These miniature, high-
precision, low-noise amplifiers offer high-impedance inputs that have a common-mode range 100 mV beyond the
supplies without input crossover distortion and a rail-to-rail output that swings within 5 mV of the supplies under
normal test conditions. The OPAx388 series of precision amplifiers is suitable for upstream analog signal chain
applications in low or high gains, as well as downstream signal chain functions such as DAC buffering.
8.2 Typical Applications
8.2.1 Bidirectional Current-Sensing
This single-supply, low-side, bidirectional current-sensing solution detects load currents from –1 A to +1 A. The
single-ended output spans from 110 mV to 3.19 V. This design uses the OPAx388 because of its low offset
voltage and rail-to-rail input and output. One of the amplifiers is configured as a difference amplifier and the other
amplifier provides the reference voltage.
Figure 43 shows the solution.
Figure 43. Bidirectional Current-Sensing Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com