Electronic Components Datasheet Search
  English  ▼

X  

MAX5113 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5113
Description  9-Channel, 14-Bit Current DAC with SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5113 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5113 Datasheet HTML 9Page - Maxim Integrated Products MAX5113 Datasheet HTML 10Page - Maxim Integrated Products MAX5113 Datasheet HTML 11Page - Maxim Integrated Products MAX5113 Datasheet HTML 12Page - Maxim Integrated Products MAX5113 Datasheet HTML 13Page - Maxim Integrated Products MAX5113 Datasheet HTML 14Page - Maxim Integrated Products MAX5113 Datasheet HTML 15Page - Maxim Integrated Products MAX5113 Datasheet HTML 16Page - Maxim Integrated Products MAX5113 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
Maxim Integrated
9-Channel, 14-Bit Current DAC
with SPI Interface
MAX5113
Typical Operating Characteristics (continued)
(VDD = 3.0V, TA = +25NC, unless otherwise noted.)
INTERFACE FEEDTHROUGH
MAX5113 toc41
OP3, 20mA
CODE = 10000
4.1 LSB/div
DIN, SCLK
2V/div
40ns/div
CHANNEL-TO-CHANNEL
ANALOG CROSSTALK
MAX5113 toc40
OP2A
CODE = 10000
4.9 LSB/div
OP5
CODE = 164 TO 16383
100mA/div
4µs/div
COMMAND SEQUENCE FEEDTHROUGH
MAX5113 toc42
OP7, 90mA FS
CODE = 10000
5.5 LSB/div
DIN
SCLK
4µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com