Electronic Components Datasheet Search
  English  ▼

X  

MAX5113 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5113
Description  9-Channel, 14-Bit Current DAC with SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5113 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5113 Datasheet HTML 17Page - Maxim Integrated Products MAX5113 Datasheet HTML 18Page - Maxim Integrated Products MAX5113 Datasheet HTML 19Page - Maxim Integrated Products MAX5113 Datasheet HTML 20Page - Maxim Integrated Products MAX5113 Datasheet HTML 21Page - Maxim Integrated Products MAX5113 Datasheet HTML 22Page - Maxim Integrated Products MAX5113 Datasheet HTML 23Page - Maxim Integrated Products MAX5113 Datasheet HTML 24Page - Maxim Integrated Products MAX5113 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
Maxim Integrated
9-Channel, 14-Bit Current DAC
with SPI Interface
MAX5113
01h–09h: Individual DAC (1 to 9) Configuration Registers
Note: Any change to individual DAC configuration settings resets the affected DAC code to 0000h.
BIT
15
14
13
12
11
10
9
8
NAME
GSW
CLR_CFG[1:0]
T/H_EN
RNG
MUX[3:1]
DEFAULT
1
0
0
0
1
0
1
0
BIT
7
6
5
4
3
2
1
0
NAME
MUX0
X
X
X
X
X
X
X
DEFAULT
0
0
0
0
0
0
0
0
BIT
NAME
DESCRIPTION
15
GSW
Ground Switch Control
0: Output is left open when DAC code = 0000h
1: Output is connected to ground when DAC code = 0000h. For DACs 1 and 2, this setting
applies to the active mux output.
14:13
CLR_CFG[1:0]
Clear Configuration Settings (determine how CLR pin affects each DAC)
00 (Ignore): The DAC is not affected by the CLR pin (default)
01 (Shutter): DAC output polarity is held negative (current level determined by 1Bh) as long
as the CLR pin is asserted (level sensitive, applies to DAC 6 only; otherwise, implements the
ignore function)
10 (Gate): DAC output is held at zero scale (with ground switches engaged if enabled) as
long as the CLR pin is asserted (level sensitive)
11 (Reset): DAC output is set to zero scale (with ground switches engaged if enabled) when
CLR is asserted and remains valid after CLR is removed (edge sensitive)
12
T/H_EN
Track and Hold Enable
0: Track and Hold disabled
1: Track and Hold enabled
11
RNG
Range (DAC 3, 8, and 9)
0: DAC full-scale output level is set to high range.
1: DAC full-scale output level is set to low range.
Note: For all DACs not supporting RNG settings, this bit is reserved and should be set to 1
(default).
10:7
MUX[3:0]
Output Mux Settings for DAC (mux settings are only supported for DAC 1 and DAC 2)
0000: Output A active, all others high impedance
0001: Output B active, all others high impedance
0010: Output C active, all others high impedance
0011: Output D active, all others high impedance
01XX: All outputs high impedance (open)
1000: Output A active, all others shunted to GND
1001: Output B active, all others shunted to GND
1010: Output C active, all others shunted to GND
1011: Output D active, all others shunted to GND
11XX: All outputs shunted to GND (default)
6:0
X
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com