Electronic Components Datasheet Search
  English  ▼

X  

MAX5113 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5113
Description  9-Channel, 14-Bit Current DAC with SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5113 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5113 Datasheet HTML 1Page - Maxim Integrated Products MAX5113 Datasheet HTML 2Page - Maxim Integrated Products MAX5113 Datasheet HTML 3Page - Maxim Integrated Products MAX5113 Datasheet HTML 4Page - Maxim Integrated Products MAX5113 Datasheet HTML 5Page - Maxim Integrated Products MAX5113 Datasheet HTML 6Page - Maxim Integrated Products MAX5113 Datasheet HTML 7Page - Maxim Integrated Products MAX5113 Datasheet HTML 8Page - Maxim Integrated Products MAX5113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
Maxim Integrated
9-Channel, 14-Bit Current DAC
with SPI Interface
MAX5113
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VDD to AGND .................…………………………..-0.3V to +4.0V
VSS to AGND........................................................-6.0V to +0.3V
VDDI to AGND ......................................................-0.3V to +6.0V
OP6 to AGN.....the higher of (VDD - 9V), (VSS - 0.3V) and -6.0V to
the lower of (VDD + 0.3V) and +4.0V
OP1 to OP5 and OP7, OP8,
OP9 to AGND...-0.3V to the lower of (VDD + 0.3V) and +4.0V
DOUT to DGND................. -0.3V to the lower of (VDDIO + 0.3V)
and +6.0V
N.C. to AGND......-0.3V to the lower of (VDD + 0.3V) and +4.0V
Digital I/Os to DGND............................................-0.3V to +6.0V
AGND to DGND ...................................................-0.3V to +0.3V
All Other Pins to AGND...………………………….-0.3V to +4.0V
Continuous Power Dissipation (TA = +70NC)
WLP (derate at 26.3mW/NC above +70NC).................. 2104mW
TQFN (derate at 34.5mW/NC above +70NC)..............2758mW
Maximum Current Into Any Pin ........................................380mA
Operating Temperature Range........................ -40NC to +105NC
Storage Temperature Range............................ -65NC to +150NC
Junction Temperature .....................................................+150NC
Lead Temperature (TQFN only, soldering, 10s) .............+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VDD = +2.6V to +3.3V, VSS = -4.75V to -5.46V, VDDI = +1.8V to +5.25V, AGND = DGND, TA = -40NC to +105NC, VOP1–VOP5 = VOP6
sourcing = VOP7, VOP8, and VOP9 = VDD - 1V, VOP6 sinking = VSS + 1V, unless otherwise noted. Typical specifications are at VDD
= +3.0V, VSS = -5.2V, TA = +25NC. Specifications apply to all DACs and outputs, unless otherwise noted.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Package Thermal Characteristics (Note 1)
TQFN
Junction-to-Ambient Thermal Resistance (
qJA) ..........29NC/W
Junction-to-Case Thermal Resistance (
qJC) ..............1.7NC/W
WLP
Junction-to-Ambient Thermal Resistance (
qJA) ..........38NC/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
N
14
Bits
Differential Nonlinearity
DNL
Guaranteed monotonic
Q
0.5
Q
1.0
LSB
Integral Nonlinearity
INL
OP1–OP6 source and OP9
Q
2
Q
8
LSB
OP6 sink
Q
8
Ideal Gain
IGAIN
IMAX/214
mA/LSB
Gain Error (Note 3)
GE
All but OP3, 2mA and OP6 sink
Q
1.3
%FS
OP3, 2mA
Q
1.5
OP6 sink
Q
5
Gain Error Tempco (Note 4)
GETC
All but OP6 sink
Q
50
ppm/NC
OP6 sink
Q
15
Full-Scale Output
IMAX
OP1 and OP2
10
mA
OP3
2mA FS range
2
20mA FS range
20
OP4
90
OP5
180
OP6 current source
300
OP6 current sink
-60
OP7
90
OP8 and OP9
15mA FS range
15
35mA FS range
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com