Electronic Components Datasheet Search
  English  ▼

X  

MAX5113 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX5113
Description  9-Channel, 14-Bit Current DAC with SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5113 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX5113 Datasheet HTML 16Page - Maxim Integrated Products MAX5113 Datasheet HTML 17Page - Maxim Integrated Products MAX5113 Datasheet HTML 18Page - Maxim Integrated Products MAX5113 Datasheet HTML 19Page - Maxim Integrated Products MAX5113 Datasheet HTML 20Page - Maxim Integrated Products MAX5113 Datasheet HTML 21Page - Maxim Integrated Products MAX5113 Datasheet HTML 22Page - Maxim Integrated Products MAX5113 Datasheet HTML 23Page - Maxim Integrated Products MAX5113 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
Maxim Integrated
9-Channel, 14-Bit Current DAC
with SPI Interface
MAX5113
Register Details
00h: General Configuration Register
BIT
15
14
13
12
11
10
9
8
NAME
GSWG[1:0]
BHEN
X
X
X
X
X
DEFAULT
0
0
1
0
0
0
0
0
BIT
7
6
5
4
3
2
1
0
NAME
X
X
X
X
X
X
X
X
DEFAULT
0
0
0
0
0
0
0
0
BIT
NAME
DESCRIPTION
15:14
GSWG[1:0]
Global GSW Configuration Override
00: Individual DAC GSW settings are unaltered
01: Individual DAC GSW settings are set to 0 (ground switches disabled)
10: Individual DAC GSW settings are set to 1 (ground switches enabled)
11: Individual DAC GSW settings are unaltered
13
BHEN
DOUT Bus Hold Enable
0: Bus hold circuit is disabled
1: Bus hold circuit is enabled
12:0
X
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com