Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5877
Description  MAX5876/MAX5877/MAX5878 Evaluation Kits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products MAX5877 Datasheet HTML 10Page - Maxim Integrated Products MAX5877 Datasheet HTML 11Page - Maxim Integrated Products MAX5877 Datasheet HTML 12Page - Maxim Integrated Products MAX5877 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MAX5876/MAX5877/MAX5878 Evaluation Kits
_______________________________________________________________________________________
9
HEADER 2 x 20
J1-39
J1-40
J1-38
J1-37
J1-36
J1-34
J1-32
J1-35
J1-30
J1-33
J1-28
J1-31
J1-26
J1-29
J1-24
J1-27
J1-22
J1-25
J1-20
J1-23
J1-18
J1-21
J1-16
J1-19
J1-14
J1-17
J1-12
J1-15
J1-10
J1-13
J1-8
J1-11
J1-6
J1-9
J1-4
J1-7
J1-2
J1-5
J1-3
J1-1
J1
HEADER 2 x 20
J2-39
J2-40
J2-38
J2-37
J2-36
J2-34
J2-32
J2-35
J2-30
J2-33
J2-28
J2-31
J2-26
J2-29
J2-24
J2-27
J2-22
J2-25
J2-20
J2-23
J2-18
J2-21
J2-16
J2-19
J2-14
J2-17
J2-12
J2-15
J2-10
J2-13
J2-8
J2-11
J2-6
J2-9
J2-4
J2-7
J2-2
J2-5
J2-3
J2-1
J2
R15
10k
Ω
R14
OPEN
R16
10k
Ω
DVDD1.8
DVDD1.8
C15
1
μF
C13
0.1
μF
41
42
43
44
45
46
47
48
XORN
XORP
SELIQP
SELIQN
B15P
B15N
B14P
B14N
49
50
51
52
53
54
B13P
B13N
B12P
B12N
B11P
B11N
55
56
57
58
59
60
B10P
B10N
B9P
B9N
B8P
B8N
61
DVDD1.8
62
63
64
65
B7P
B7N
B6P
B6N
66
67
68
1
2
3
B5P
B5N
B4P
B4N
B3P
B3N
4
5
6
7
B2P
B2N
B1P
B1N
8
9
B0P
B0N
MAX5878
U1
DVDD3.3
C1
0.1
μF
11
10
DVDD3.3
GND
12
GND
13
GND
26
GND
27
GND
14
AVDD3.3
15
GND
17
FSADJ
16
REFIO
18
DACREF
R7
2k
Ω
1%
C35
OPEN
C2
0.1
μF
AVDD3.3
C36
OPEN
C3
1
μF
C34
OPEN
TP1
JU3
C37
0.1
μF
MAX6161
U2
8
N.C.
7
N.C.
6
OUT
5
N.C.
1
N.C.
2
IN
3
N.C.
4
GND
C14
0.1
μF
AVDD3.3
JU4
19
AVDD1.8
20
GND
22
AVDD3.3
21
AVDD3.3
23
GND
AVDD1.8
AVDD3.3
C4
0.1
μF
C5
0.1
μF
C6
0.1
μF
30
GND
31
AVDD3.3
33
GND
32
AVDD3.3
34
AVDD1.8
AVDD3.3
C7
0.1
μF
C8
0.1
μF
C9
0.1
μF
AVDD1.8
R4
49.9
Ω
0.1%
R5
49.9
Ω
0.1%
R6
100
Ω
1%
R11
OPEN
C33
OPEN
OUTQP
OPEN
OUTQN
OPEN
T2
R13
OPEN
T5
OUTPUTQ
4
6
3
1
4
5
6
3
2
1
24
25
OUTQN
OUTQP
R1
49.9
Ω
0.1%
R2
49.9
Ω
0.1%
R3
100
Ω
1%
R1O
OPEN
C32
OPEN
OUTIP
OPEN
OUTIN
OPEN
T1
R12
OPEN
T4
OUTPUTI
4
6
3
1
4
5
6
3
2
1
28
29
OUTIN
OUTIP
C10
0.1
μF
C19
1
μF
C24
10
μF
10V
C29
47
μF
6.3V
L5
GND_CK
VDD_CK
GND_CK
35
36
AVCLK
GND
R8
24.9
Ω
1%
R9
24.9
Ω
1%
T3
4
6
3
1
37
38
CLKN
CLKP
C31
OPEN
C30
OPEN
C12
0.1
μF
C11
0.1
μF
CLK
GND_CK
1
2
3
JU2
DVDD3.3
39
TORB
1
2
3
JU1
DVDD3.3
40
PD
GND_CK
GND_CK
L3
AGND
AVDD1
AVDD1.8
C27
47
μF
6.3V
C22
10
μF
10V
C17
1
μF
L4
AVDD2
AVDD3.3
C28
47
μF
6.3V
C23
10
μF
10V
C18
1
μF
L1
DGND
DVDD1
DVDD1.8
C25
47
μF
6.3V
C20
10
μF
10V
L2
DVDD2
DVDD3.3
C26
47
μF
6.3V
C21
10
μF
10V
C16
1
μF
Figure 2c. MAX5878 EV Kit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com