Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5877
Description  MAX5876/MAX5877/MAX5878 Evaluation Kits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Quick Start
Recommended equipment:
•
Three 3.3V, 100mA DC power supplies
•
Two 1.8V, 100mA DC power supplies
•
Two signal generators with low phase noise and low
jitter for clock input (e.g., HP 8664A)
•
One 20-bit LVDS digital pattern generator for data
inputs (e.g., HP 81250)
•
One spectrum analyzer (e.g., HP 8560E)
•
One voltmeter
The MAX5876/MAX5877/MAX5878 EV kits are fully
assembled and tested surface-mount boards. Follow
the steps below for board operation. Do not turn on
power supplies or enable signal generators until all
connections are completed (Figure 1):
1) Verify that shunts are installed across pins 2 and 3
of jumpers JU1 (normal operation) and JU2 (offset
binary input mode).
2) Verify that shunts are not installed across jumpers
JU3 and JU4 (internal reference).
3) Synchronize the digital pattern generator with the
clock signal generator.
4) Connect the clock signal generator to the EV kit
CLK SMA connector.
5) Verify that the digital pattern generator HP 81250 is
programmed for valid LVDS output voltage levels
and binary digital output.
6) Connect the digital pattern generator output to the
J1 and J2 input header connectors on the EV kit
board. The input header pins are labeled for proper
connection to the digital pattern generator.
MAX5876/MAX5877/MAX5878 Evaluation Kits
2
_______________________________________________________________________________________
Note: Indicate that you are using the MAX5876/MAX5877/MAX5878 when contacting these component suppliers.
Component Suppliers
SUPPLIER
PHONE
WEBSITE
AVX
843-946-0238
www.avxcorp.com
Coilcraft
847-639-6400
www.coilcraft.com
Fair-Rite Products
845-895-2055
www.fair-rite.com
IRC
361-992-7900
www.irctt.com
Kemet
864-963-6300
www.kemet.com
Mini-Circuits
718-934-4500
www.minicircuits.com
Panasonic
800-344-2112
www.panasonic.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK
847-803-6100
www.component.tdk.com
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
T1, T2, T3
3
1:1 RF transformers
Mini-Circuits ADTL1-12
T4, T5
2
1:1 RF transformers
Coilcraft TTWB3010-1
U1
1
See the EV Kit-Specific
Component List
U2
1
1.25V voltage reference (8-pin SO)
MAX6161AESA or MAX6161BESA
None
4
Shunts (JU1–JU4)
None
1
PCB: MAX5876/7/8 Evaluation Kit #
EV Kit-Specific Component List
EV KIT
DESIGNATION
DESCRIPTION
MAX5876EVKIT#
MAX5876EGK+D (68-pin
QFN-EP, 10mm x 10mm
x 0.9mm)
MAX5877EVKIT#
MAX5877EGK+D (68-pin
QFN-EP, 10mm x 10mm
x 0.9mm)
MAX5878EVKIT#
U1
MAX5878EGK+D (68-pin
QFN-EP, 10mm x 10mm
x 0.9mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com