Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5877
Description  MAX5876/MAX5877/MAX5878 Evaluation Kits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MAX5876/MAX5877/MAX5878 Evaluation Kits
_______________________________________________________________________________________
3
7) Connect a 1.8V power supply to the AVDD1 PC
board pad. Connect the ground terminal of this
supply to the AGND pad.
8) Connect a 3.3V power supply to the AVDD2 PC
board pad. Connect the ground terminal of this
supply to the AGND pad.
9) Connect a 1.8V power supply to the DVDD1 PC
board pad. Connect the ground terminal of this
supply to the DGND pad.
10) Connect a 3.3V power supply to the DVDD2 PC
board pad. Connect the ground terminal of this
supply to the DGND pad.
11) Connect a 3.3V power supply to the VDD_CK PC
board pad. Connect the ground terminal of this
supply to the GND_CK pad.
12) Turn on all five power supplies.
13) Enable the clock signal generator and the digital
pattern generator.
14) Set the clock signal generator output power
between +8dBm to +12dBm and the frequency
(fCLK) to
≤ 500MHz.
15) An LVDS logic-high signal at SELIQP/SELIQN
directs data into the I-DAC register. An LVDS logic-
low signal at SELIQP/SELIQN directs data into the
Q-DAC register. Refer to the LVDS-Compatible
Digital Inputs section in the MAX5876/MAX5877/
MAX5878 IC data sheets for detailed information on
the SELIQ function.
16) Use the spectrum analyzer to view the MAX5876/
MAX5877/MAX5878 output spectrums or view the
single-ended output waveforms by connecting an
oscilloscope to OUTPUTQ or OUTPUTI SMA con-
nectors.
Detailed Description
The MAX5876/MAX5877/MAX5878 EV kits are designed
to simplify the evaluation of the MAX5876/MAX5877/
MAX5878 dual, 12-bit/14-bit/16-bit, 250Msps, current-
output DACs. The MAX5876/MAX5877/MAX5878 operate
with LVDS-compatible digital data inputs, a differential or
single-ended clock input signal, and two power supplies
(3.3V and 1.8V). The MAX5876/MAX5877/MAX5878
feature internal 1.2V reference voltage.
HP 8664A
MASTER
RF
OUTPUT
INT*
HP 8664A
SLAVE
RF
OUTPUT
EXT*
MAX5876/MAX5877/MAX5878 EV KIT
CLK
OUTPUTQ
OUTPUTI
J1
J2
HP 8560E
INPUT
EXT*
SPECTRUM ANALYZER
HP 81250
DATA GENERATOR
PATTERN GENERATOR
SIGNAL GENERATOR
SIGNAL GENERATOR
CLOCK
INPUT*
LVDS
DATA
36
(B0P/N–B15P/N,
SELIQP/N, XORP/N)
*THESE CONNECTORS ARE LOCATED ON THE BACK SIDE OF THE EQUIPMENT.
Figure 1. MAX5876/MAX5877/MAX5878 EV Kit Quick Start Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com