Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5877
Description  MAX5876/MAX5877/MAX5878 Evaluation Kits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MAX5876/MAX5877/MAX5878 Evaluation Kits
_______________________________________________________________________________________
5
Outputs
The dual-output channels of the MAX5876/MAX5877/
MAX5878 are configured for differential current mode to
achieve the best dynamic performance. The resistor
and transformer networks at the DAC outputs are
designed to convert the differential current signals into
single-ended voltage signals with a 50
Ω output imped-
ance. When an LVDS logic-high input signal is applied
to the SELIQP/SELIQN pins, the data on the input bus
(J1 and J2) is loaded into I-DAC and the reconstructed
single-ended signal is available at the OUTPUTI SMA
connector. When an LVDS logic-low input signal is
applied to the SELIQP/SELIQN pins, the data on the
input bus is loaded into Q-DAC and the reconstructed
single-ended signal is available at the OUTPUTQ SMA
connector. When outputs OUTPUTQ and OUTPUTI are
terminated with 50
Ω external loads, the full-scale output
signal level is equal to -2dBm.
To evaluate the converter’s single-ended outputs,
remove transformers T1, T2, and install SMA connec-
tors at the OUTIP, OUTIN, OUTQP, and OUTQN loca-
tions. Probe the single-ended signals at the OUTIP and
OUTIN SMA connectors for I-DAC. Probe the single-
ended signals at the OUTQP and OUTQN SMA con-
nectors for Q-DAC. In a single-ended configuration the
DAC output signal amplitude is equal to 1VP-P at each
of the outputs.
Power-Down Mode
The MAX5876/MAX5877/MAX5878 EV kits power-
down/normal operation mode can be configured with
jumper JU1. See Table 3 for jumper JU1 configuration.
PCB Layout
The MAX5876/MAX5877/MAX5878 EV kits are 4-layer
PCB designs optimized for high-speed signals. All
high-speed digital signal lines are routed through 100
Ω
differential impedance-matched transmission lines. All
analog output traces are routed through 50
Ω imped-
ance-matched transmission lines. The length of these
100
Ω and 50Ω transmission lines is matched to within
40 mils (1mm) to minimize layout-dependent data skew.
The PCB layout separates the digital, analog, and clock
sections of the circuit for optimum performance.
Table 2. Reference Voltage
JUMPER JU3
SHUNT POSITION
JUMPER JU4
SHUNT POSITION
REFIO PIN CONNECTION
EV KIT FUNCTION
Not installed
Not installed
Open (REFIO becomes the output of
the internal bandgap reference)
Internal 1.2V reference enabled or
connect an external reference to TP1
Installed
Installed
Connected to U2 (MAX6161)
U2 provides a precise 1.25V voltage
reference
SHUNT POSITION
PD PIN CONNECTION
EV KIT FUNCTION
1-2
Connected to DVDD2
Power-down mode
2-3
Connected to DGND
Not installed
MAX5876/MAX5877/MAX5878 have an
internal pulldown resistor
Normal operation
Table 1. Jumper JU2 TORB Configuration
SHUNT POSITION
TORB PIN CONNECTION
EV KIT FUNCTION
1-2
Connected to DVDD2
Two’s-complement digital signal input format
2-3
Connected to DGND
Not installed
MAX5876/MAX5877/MAX5878 have an
internal pulldown resistor
Offset-binary digital signal input format
Table 3. JUMPER JU1 Power-Down Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com