Electronic Components Datasheet Search
  English  ▼

X  

B1721 Datasheet(PDF) 3 Page - NEC

Part # B1721
Description  Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B1721 Datasheet(HTML) 3 Page - NEC

  B1721 Datasheet HTML 1Page - NEC B1721 Datasheet HTML 2Page - NEC B1721 Datasheet HTML 3Page - NEC B1721 Datasheet HTML 4Page - NEC B1721 Datasheet HTML 5Page - NEC B1721 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB1721
データ・シート D16287JJ2V0DS
3
特性曲線(TA = 25°C)
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
DERATING CURVE OF SAFE OPERATING AREA
0
5
10
15
20
25
0
25
50
75
100
125
150
175
TC - Case Temperature -
°C
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
S/b Lim ited
Dissipation Lim ited
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
- 0 .01
- 0 .1
- 1
- 10
- 1 00
- 0.1
- 1
- 10
- 100
IC(pulse) =
−6 A
IC(D C) =
−3 A
PW = 1 m s
10 m s
P o w er D issipatio n
Lim ite d
T A = 25
°C
Sin g le p ulse
DC
VCE - Collector to Emitter Voltage - V
0
- 1
- 2
- 3
- 4
- 5
0
- 2- 4
- 6- 8
IB =
−100 mA
−80 mA
−40 mA
−60 mA
−20 mA
VCE - Collector to Emitter Voltage - V
DC CURRENT GAIN vs. COLLECTOR CURRENT
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
1
10
100
1000
- 0.001
- 0.01
- 0.1
- 1
- 10
- 10 0
V CE =
−5.0 V
Pu ls e d
T A = 150
°C
75
°C
25
°C
−25°C
−50°C
IC - Collector Current - A
- 0 .0 0 1
- 0 .0 1
- 0 .1
- 1
- 1 0
- 0.01
- 0.1
- 1
- 1 0
T A = 1 5 0
°C
75
°C
25
°C
◊ 25 °C
◊ 50 °C
IC /IB = 10 A
IC - Collector Current - A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com