Electronic Components Datasheet Search
  English  ▼

X  

B1721 Datasheet(PDF) 5 Page - NEC

Part # B1721
Description  Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B1721 Datasheet(HTML) 5 Page - NEC

  B1721 Datasheet HTML 1Page - NEC B1721 Datasheet HTML 2Page - NEC B1721 Datasheet HTML 3Page - NEC B1721 Datasheet HTML 4Page - NEC B1721 Datasheet HTML 5Page - NEC B1721 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SB1721
データ・シート D16287JJ2V0DS
5
外形図(単位:mm)
1) TO-251 (MP-3)
2) TO-252 (MP-3Z)
2
13
6.5 ±0.2
5.0 ±0.2
4
2.3
2.3
0.5 ±0.1
2.3 ±0.2
1.1 ±0.2
0.5 −0.1
+0.2
0.5 −0.1
+0.2
12 3
4
6.5 ±0.2
4.4 ±0.2
5.0 ±0.2
0.5 ±0.1
0.5 ±0.1
2.3 ±0.3
2.3 ±0.3
2.3 ±0.2
0.5 ±0.1
注
注
0.15 ±0.15
1. ベース
2. コレクタ
3. エミッタ
4. コレクタ(フィン)
注 放熱板の切りしろは,0∼0.2 mm。
★
1. ベース
2. コレクタ
3. エミッタ
4. コレクタ(フィン)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com