Electronic Components Datasheet Search
  English  ▼

X  

FP6736 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FP6736
Description  1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP6736 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP6736 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FP6736-1.8-OCT-2017
FP6736
1.4MHz SOT23 Current-Mode
Step-Up DC/DC Converter
Description
The
FP6736
is
a
current-mode,
pulse-width
modulation and step-up DC/DC converter. The
built-in high voltage N-channel MOSFET allows
FP6736 for step-up applications with up to 30V
output voltage, as well as for Single Ended Primary
Inductance Converter (SEPIC) and other low-side
switching DC/DC converter.
The high switching frequency (1.4MHz) allows the
use of small external components. The soft-start
function is programmable with an external capacitor,
which sets the input current ramp rate.
The FP6736 is available in space-saving SOT-23-6
and TSOT-23-5 packages.
Features
Fixed Frequency 1.4MHz Current-Mode PWM
Operation
Adjustable Output Voltage up to 30V
Guaranteed 13V/200mA Output with 5V Input
2.5V to 5.5V Input Range
Maximum 0.1µA Shutdown Current
Programmable Soft-Start
Need Only Tiny Inductor and Capacitor
SOT-23-6 and TSOT-23-5 Packages
RoHS Compliant
Applications
Notebook Computer
LCD Display
Portable Application
PCMCIA Card
Handheld Device
Pin Assignments
S6 Package (SOT-23-6)
S8 Package (TSOT-23-5)
Figure 1. Pin Assignment of FP6736
Ordering Information
SOT-23-6 Marking
Part Number
Product Code
FP6736S6P
C3
FP6736S6G
C3=
TSOT-23-5 Marking
Part Number
Product Code
FP6736S8G
Fi1
TR: Tape/Reel
P: Green
G: Green
Package Type
S6: SOT-23-6
S8: TSOT-23-5
FP6736
□□□


Similar Part No. - FP6736

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6733 FITIPOWER-FP6733 Datasheet
704Kb / 11P
PWM Controlled, Step-up DC/DC Converter in Tiny Package
FP6733S6G FITIPOWER-FP6733S6G Datasheet
704Kb / 11P
PWM Controlled, Step-up DC/DC Converter in Tiny Package
FP6733S9G FITIPOWER-FP6733S9G Datasheet
704Kb / 11P
PWM Controlled, Step-up DC/DC Converter in Tiny Package
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
Built-In OVP White LED Step-Up Converter in Tiny Package
FP6737AS6G FITIPOWER-FP6737AS6G Datasheet
541Kb / 12P
Built-In OVP White LED Step-Up Converter in Tiny Package
More results

Similar Description - FP6736

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Linear Technology
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com