Electronic Components Datasheet Search
  English  ▼

X  

FP6736 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FP6736
Description  1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP6736 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FP6736 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FP6736-1.8-OCT-2017
FP6736
Absolute Maximum Ratings
(Note 1)
● LX to GND -------------------------------------------------------------------------------------------------------- -0.3V to +33V
● IN,SHDN, FB to GND ----------------------------------------------------------------------------------------- -0.3V to +6V
● SS to GND ------------------------------------------------------------------------------------------------------- -0.3V to VIN +0.3V
● Power Dissipation @TA=+25°C, (PD) ---------------------------------------------------------------------- 0.4W
● Package Thermal Resistance, (
θ
JA) ----------------------------------------------------------------------- 250°C /W
● Junction Temperature (TJ) ------------------------------------------------------------------------------------ +150°C
● Storage Temperature Range (TS) -------------------------------------------------------------------------- -65°C to +150°C
● Lead Temperature (Soldering, 10 sec.) (TLEAD) --------------------------------------------------------- +260°C
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Input Voltage (VIN) ----------------------------------------------------------------------------------------------- +2.5V to +5.5V
● Operating Temperature Range (TOPR) ---------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com