Electronic Components Datasheet Search
  English  ▼

X  

FP6736 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FP6736
Description  1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP6736 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FP6736 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FP6736-1.8-OCT-2017
FP6736
Functional Pin Description
Pin Name
Pin Function
LX
Power Switching Connection. Connect LX to the inductor and output rectifier. Connect components as close to LX
as possible.
GND
Ground.
FB
Feedback Pin. Connect a resistive voltage-divider from the output to FB to set the output voltage.
SHDN
Shutdown Input. Drive SHDN low to turn off the converter. To automatically start the converter, connect SHDN
to VIN. Do not leave SHDN unconnected.
SS
Soft-Start Input. Connect a soft-start capacitor from SS to GND to soft-start the converter. Leave SS open to
disable the soft-start function.
IN
Internal Bias Voltage Input. Connect VIN to the input voltage source. Bypass VIN to GND with a 1µF or greater
capacitor as close to VIN as possible.
Block Diagram
CONTROL
LOGIC
PWM/PFM
CONTROL
1.4MHz
OSCILLATOR
1.23V
VREF
SLOPE
COMPENSATION
PWM
COMPARATOR
DRIVER
CURRENT AMP.
RC
CC
ERROR
AMP.
RS
M1
LX
GND
SS
IN
FB
Soft Start
IN
4µA
SHDN
Figure 5. Block Diagram of FP6736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com