Electronic Components Datasheet Search
  English  ▼

X  

FP6736 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FP6736
Description  1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP6736 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FP6736 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 9Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 10Page - List of Unclassifed Manufacturers FP6736 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FP6736-1.8-OCT-2017
FP6736
Typical Performance Curves (Continued)
100
200
300
400
500
4.50
4.75
5.00
5.25
5.50
Vin=3.6V
Output Current(mA)
0
20
40
60
80
100
120
140
8.5
9.0
9.5
10.0
10.5
Vin=3.3V
Output current(mA)
Figure 12.Load Regulation (Vo=5V)
Figure 13. Load Regulation (Vo=10V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
100
200
300
400
500
600
700
V
OUT
=16V
V
OUT
=10V
V
OUT
=5V
Supply Voltage(V)
0
100
200
300
400
500
600
60
65
70
75
80
85
90
95
Vo=5V
L=10uH
V
IN
=4.2V
V
IN
=3.6V
V
IN
=3.3V
V
IN
=2.5V
Output current(mA)
Figure 14. Maximum Output Current vs. Supply Voltage
Figure 15. Efficiency vs. Output Current (Vo=5V)
0
50
100
150
200
250
300
350
400
60
65
70
75
80
85
90
95
Vo=10V
L=10uH
V
IN
=5.5V
V
IN=4.2V
V
IN
=3.6V
V
IN
=3.3V
V
IN
=2.5V
Output Current(mA)
VIN=3.6V, VOUT=5V, Io=250mA, L1=10µH
Figure 16. Efficiency vs. Output Current (Vo=10V)
Figure 17. Operation Waveform
IL
VOUT
VLX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com