Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3892 Datasheet HTML 2Page - Linear Technology LTC3892 Datasheet HTML 3Page - Linear Technology LTC3892 Datasheet HTML 4Page - Linear Technology LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology LTC3892 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LTC3372
6
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, VOUT = VINA-H = 3.3V unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Temperature Monitor
VTEMP(ROOM) TEMP Voltage at 25°C
200
220
240
mV
∆VTEMP/°C VTEMP Slope
7
mV/°C
OT
Overtemperature Shutdown
170
°C
OT Hyst
Overtemperature Hysteresis
10
°C
Low Voltage (LV) Buck Regulators
VINA-H
Input Operating Voltage
l
2.25
5.5
V
VOUT1-4
Regulated Output Voltage Set Point
l
0.8
VINA-H
V
UVLO
Undervoltage Lockout Threshold on VINA-H
VINA-H Falling
VINA-H Rising
l
l
1.95
2.05
2.05
2.15
2.15
2.25
V
V
IQ(VINA-H)
Quiescent Current into VINA-H Pins, Per
Enabled LV Regulator (Note 8)
Burst Mode, FB1-4 = 0.82V
Forced Continuous Mode, FB1-4 = 0V
25
400
35
550
µA
µA
ISD(VINA-H)
Shutdown Current into VINA-H Pins
0
1
µA
VFB1
Regulated Feedback Voltage for Regulator 1
l
792
800
808
mV
VFB2-4
Regulated Feedback Voltage for Regulators
2-4
l
780
800
820
mV
IFB1-4
Feedback Leakage Current
FB1-4 = 0.85V
–50
50
nA
DMAX
Maximum Duty Cycle
FB1-4 = 0V
l
100
%
RPMOS
PMOS On-Resistance
ISW = 100mA, 1A – Per Power Stage
290
mΩ
RNMOS
NMOS On-Resistance
ISW = –100mA, 1A – Per Power Stage
180
mΩ
ILEAKP
PMOS Leakage Current
EN1-4 = GND
–1
1
µA
ILEAKN
NMOS Leakage Current
EN1-4 = GND
–1
1
µA
tSS
Soft-Start Time
(Note 10)
0.25
1.5
3
ms
UV
Rising Undervoltage RST Threshold
Regulator 1
% Relative to Regulated VFB
Hysteresis
l
–4
–2
1
–1
%
%
Rising RST Undervoltage Threshold
Regulators 2-4
% Relative to Regulated VFB
Hysteresis
l
–7
–5
1
–3
%
%
OV
RST Overvoltage Threshold of Regulators
1-4
% Relative to Regulated VFB
Hysteresis
l
+5
+7.5
–3
+10
%
%
ILIM
PMOS Current Limit
1 Buck with 1 Power Stage (Note 9)
1.4
1.8
2.2
A
1 Buck with 2 Power Stages (Note 9)
3.6
A
1 Buck with 3 Power Stages (Note 9)
5.4
A
1 Buck with 4 Power Stages (Note 9)
7.2
A
Interface Logic Pins (RST, WDO, WDI, CT, C1, C2, C3)
IOH
Output High Leakage Current
RST, WDO 5.5V at Pin
1
µA
VOL
Output Low Voltage
RST, WDO 3mA at Pin
0.1
0.4
V
VIH
WDI Input High Threshold
l
1.2
V
CT, C1, C2, C3 Input High Threshold
l
INTVCC – 0.4
V
VIL
WDI, C1, C2, C3 Input Low Threshold
l
0.4
V
tWDI(WIDTH) WDI Pulse Width
l
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com