Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3892 Datasheet HTML 3Page - Linear Technology LTC3892 Datasheet HTML 4Page - Linear Technology LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology LTC3892 Datasheet HTML 10Page - Linear Technology LTC3892 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LTC3372
7
Rev. A
For more information www.analog.com
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, VOUT = VINA-H = 3.3V unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Interface Logic Pins (EN1, EN2, EN3, EN4)
VEN
Enable Rising Threshold
All LV Regulators Disabled
l
400
730
1200
mV
Enable Rising Threshold
At Least One LV Regulator Enabled
l
380
400
420
mV
Enable Falling Threshold
l
290
315
340
mV
IEN
Enable Pin Leakage Current
EN = 3.3V
1
µA
CT Timing Parameters; CT = 10nF
tWDIO
Time from WDO Low Until Next WDO Low
CT = 10nF
9.7
12.9
16.1
s
tWDI
Time from Last WDI Until Next WDO Low
CT = 10nF
1.22
1.62
2.03
s
tWDO
WDO Low Time Absent a Transition at WDI
CT = 10nF
160
202
280
ms
tRST
RST Assertion Delay
CT = 10nF
160
202
280
ms
tWDL
Watchdog Lower Boundary
CT = 10nF
38
50.6
63
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3372 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3372E is guaranteed to meet specifications from 0°C
to 85°C operating junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3372I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LTC3372H is guaranteed over the –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes; operating lifetime is derated for junction temperatures
greater than 125°C. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature (TJ
in °C) is calculated from the ambient temperature (TA in °C) and power
dissipation (PD in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA (in °C/W) is the package thermal impedance.
Note 3: This IC includes overtemperature protection which protects the
device during momentary overload conditions. Junction temperatures
will exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 4: The IQ (Total Input Supply Quiescent Current) is the total average
current drawn from the input power supply by a typical application in Burst
Mode with no load currents (from either the HV Controller VOUT or the LV
Regulators’ VOUT1-4).
Note 5: The HV Controller’s output regulation is tested in a feedback loop
that servos the ITH pin to a specified voltage and measures the resulted
voltage at VOUT/EXTVCC pin.
Note 6: Delays are measured using 50% levels, with TG and BG driving
minimum capacitive load.
Note 7: The minimum on-time conditions is specified for an inductor
peak-to-peak ripple current ≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 8: The IQ(VINA-H) (Quiescent Current into VINA-H Pins) are measured
with power switches not switching. Dynamic supply current when
switching may be higher due to the gate charge being delivered.
Note 9: The current limit features are intended to protect the IC from short
term or intermittent fault conditions. Continuous operation above the
maximum specified pin current rating may result in device degradation
over time.
Note 10: The soft-start is the time from the first top switch turn on,
after an enable rising, until the feedback has reached 90% of its nominal
regulation voltage.
Note 11: Do not apply a voltage or current source to these pins. They
must be connected to the gates of the external power MOSFETs, otherwise
permanent damage may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com