Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3892 Datasheet HTML 28Page - Linear Technology LTC3892 Datasheet HTML 29Page - Linear Technology LTC3892 Datasheet HTML 30Page - Linear Technology LTC3892 Datasheet HTML 31Page - Linear Technology LTC3892 Datasheet HTML 32Page - Linear Technology LTC3892 Datasheet HTML 33Page - Linear Technology LTC3892 Datasheet HTML 34Page - Linear Technology LTC3892 Datasheet HTML 35Page - Linear Technology LTC3892 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC3372
32
Rev. A
For more information www.analog.com
A second, more severe transient is caused by switching
in loads with large (>1μF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT/EXTVCC. No
regulator can alter its delivery of current quickly enough
to prevent this sudden step change in output voltage if
the load switch resistance is low and it is driven quickly. If
the ratio of CLOAD to COUT is greater than 1:50, the switch
rise time should be controlled so that the load rise time is
limited to approximately 25 • CLOAD. Thus a 10μF capaci-
tor would require a 250μs rise time, limiting the charging
current to about 200mA.
Design Example
As a design example, assume VIN  =  12V (nominal),
VIN  =  60V (max) for transient voltages, VOUT  =  3.3V,
IMAX = 10A, VSENSE(MAX) = 75mV and f = 333kHz. The
inductance value is chosen first based on a 30% ripple
current assumption. The highest value of ripple current
occurs at the maximum input voltage. Tie the RT pin to
INTVCC (for better frequency accuracy over temperature,
use an external RT = 400k to ground), generating 333kHz
operation for LTC3372’s HV controller (1/6 of fOSC at
2MHz). The maximum ripple current is:
ΔIL =
VOUT
(f)(L)
1−
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
A 2.2μH inductor will produce 43% ripple current which
is sufficiently close. The peak inductor current will be the
maximum DC value plus one half the ripple current, or
12.1A. Increasing the ripple current will also help ensure
that the minimum on-time of 60ns is not violated. The
minimum on-time occurs at maximum VIN:
tON(MIN) =
VOUT
VIN(MAX)(f)
=
3.3V
60V(333kHz)
= 165ns
The equivalent RSENSE resistor value can be calculated by
using the minimum value for the maximum current sense
threshold (68mV):
RSENSE ≤
68mV
12.1A
≈ 5.6mΩ
Rounding down to the next standard value yields a sense
resistor value of 5mΩ.
For a 3.3V/10A 333kHz converter operating with a nominal
12V input and a 60V surge rating, a reasonable MOSFET
selection is:
Top: RJK0651DPB
RDS(ON) = 0.018Ω, QG = 15nC,
CMILLER = 148pF, VTHMIN = 1.2V, VDSS = 60V
Bottom: RJK0652DPB
RDS(ON) = 0.009Ω, QG = 29nC, VDSS = 60V
Atthenominalinputvoltageof12VwithT(estimated) = 50°C,
the losses become:
PMAIN =
3.3V
12V
(10A)2 [
+ (12V)
2 10 A
2
(2Ω)(148pF) •
1
5.1V − 1.2V
+
1
1.2V
⎡
⎣
⎢
⎤
⎦
⎥(333kHz)
=
= 643mW
557mW + 77mW
PSYNC =
12V − 3.3V
12V
(10A)2
1+ (0.005)(50°C − 25°C)
[
](0.009Ω)
= 734mW
•
[1 + (0.005)(50°C – 25°C)](0.018)
Other losses include the gate drive and INTVCC LDO
losses. These can be estimated from the gate charge and
switching frequency:
IGQ = 333kHz (15nC + 29nC)
= 14.7mA
PLDO = (12V – 5.1V) 14.7mA
= 101mW
PGATE_DRIVE = 5.1V • 14.7mA
PGATE_DRIVE = 75mW
APPLICATIONS INFORMATION High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com