Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology LTC3892 Datasheet HTML 10Page - Linear Technology LTC3892 Datasheet HTML 11Page - Linear Technology LTC3892 Datasheet HTML 12Page - Linear Technology LTC3892 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LTC3372
9
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(HV Controller) TA = 25°C, unless otherwise noted.
Output Voltage Line Regulation
Forced Continuous Mode
Maximum Current Sense
Threshold vs Duty Cycle
SENSE– Pin Input Bias Current
INTVCC Voltage vs Gate Charge
Current VOUT = 3.3V
INTVCC Voltage vs Gate Charge
Current VOUT = 5V
INTVCC Line Regulation in
Dropout
Current Limit in Foldback
VOUT = 3.3V
VOUT = 5V
INPUT VOLTAGE (V)
5 10 15 20 25 30 35 40 45 50 55 60
3.306
3.308
3.310
3.312
3.314
3.316
3.318
5.004
5.005
5.006
5.007
5.008
5.009
5.010
3372 G09
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
60
62
64
66
68
70
72
74
76
78
80
3372 G10
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
PULSE–SKIPPING MODE
VITH (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–40
–20
0
20
40
60
80
3372 G11
Maximum Current Sense Voltage
vs ITH Voltage
FORCED CONTINUOUS MODE
VIN = 12V
VOUT = 5V
SENSE– VOLTAGE (V)
3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0
–100
0
100
200
300
400
500
600
700
800
900
3372 G12
VIN = 4.5V
VIN = 6V
VIN = 12V
GATE CHARGE CURRENT (mA)
0
5
10
15
20
25
30
3.75
4.00
4.25
4.50
4.75
5.00
5.25
3372 G13
GATE CHARGE CURRENT (mA)
0
5
10
15
20
25
30
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
3372 G14
VOUT = 3.3V
GATE CHARGE CURRENT = 10mA
INPUT VOLTAGE (V)
4.50 4.75 5.00 5.25 5.50 5.75 6.00 6.25 6.50
4.00
4.25
4.50
4.75
5.00
5.25
5.50
3372 G15
VOUT TO REGULATED VOLTAGE RATIO (%)
0 10 20 30 40 50 60 70 80 90 100
20
30
40
50
60
70
80
3372 G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com