Electronic Components Datasheet Search
  English  ▼

X  

HM712 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM712
Description  Static common mode output point is 50% VCC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM712 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM712 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM712 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM712 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM712 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM712 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM712 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM712 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM712 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
概述
HM712 是一款高性能单端输出的线性电流传感器,可以更为有效的为交流(AC)或者直流(DC)电流检测方案,广泛应用于工业,消费
类及通信类设备。
HM712 内部集成了一颗高精度,低噪声的线性霍尔电路和一根低阻抗的主电流导线。当采样电流流经主电流导线,其产生的磁场在霍尔
电路上感应出相应的电信号,经过信号处理电路输出电压信号,使得产品更易于使用。线性霍尔电路采用先进的 BiCMOS 制程生产,包含了
高灵敏度霍尔传感器,霍尔信号预放大器,高精度的霍尔温度补偿单元,振荡器,动态失调消除电路和放大器输出模块。在无磁场的情况下,
静态输出为 50%VCC。
在电源电压 5V 条件下,OUT 可以在 0.2~4.8V 之间随磁场线性变化,线性度可达 0.4%。
HM712 内部集成的动态失调消除电路使 IC 的灵
敏度不受外界压力和 IC 封装应力的影响。
HM712 提供 SOP8 封装,工作温度范围-40~125°C。
特性
静态共模输出点为 50% VCC
测量范围宽,5A/10A/20A/30A
1MHz 斩波频率,高带宽,低噪声,单端模拟输出
导线引脚到信号引脚有 100V 的安全隔离电压
低功耗
常温误差 1%,全温误差 3%
温度稳定性好,内部采用了霍尔信号放大电路和温度
补偿电路
抗干扰能力强
抗机械应力,磁参数不会因为受外界压力而偏移
ESD (HBM) 6000V
应用
电机控制
负载监测系统
开关电源
过流故障保护
功能框图
高灵敏度
霍尔传感器
灵敏度修调
振荡器
动态失调
消除
VCC
GND
OUT
预放大器
温度补偿
放大器
½ VCC
IP+
IP-
零点调整
HM712


Similar Part No. - HM712

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM7120100LFTR BITECH-HM7120100LFTR Datasheet
584Kb / 3P
High Performance Low Cost Surface Mount Inductors
HM7120150LFTR BITECH-HM7120150LFTR Datasheet
584Kb / 3P
High Performance Low Cost Surface Mount Inductors
HM71201R0LFTR BITECH-HM71201R0LFTR Datasheet
584Kb / 3P
High Performance Low Cost Surface Mount Inductors
HM71201R5LFTR BITECH-HM71201R5LFTR Datasheet
584Kb / 3P
High Performance Low Cost Surface Mount Inductors
HM7120220LFTR BITECH-HM7120220LFTR Datasheet
584Kb / 3P
High Performance Low Cost Surface Mount Inductors
More results

Similar Description - HM712

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Samsung semiconductor
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Rhombus Industries Inc.
F-1352 RHOMBUS-IND-F-1352 Datasheet
28Kb / 1P
COMMON MODE
logo
XFMRS Inc.
XF0013-HPCMC3 XFMRS-XF0013-HPCMC3 Datasheet
161Kb / 2P
Common Mode
logo
Alliance Semiconductor ...
AS7C38096B ALSC-AS7C38096B Datasheet
724Kb / 11P
tri-static output
logo
Bertech.
CGC151M BERTECH-CGC151M Datasheet
107Kb / 1P
Common Point Ground Cords
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com