Electronic Components Datasheet Search
  English  ▼

X  

GD25Q16CSFG Datasheet(PDF) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q16CSFG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q16CSFG Datasheet(HTML) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q16CSFG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSFG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q16C
66
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2015-7-23
1.1
Modify ORDERING INFORMATION
Modify PACKAGE INFORMATION
P49
P50
2015-7-31
1.2
Modify Command Read Security Registers (48H)
Modify AC CHARACTERISTICS
P36
P46-47
2015-10-27
1.3
Modify Package USON8 (3*2mm, thickness 0.45mm)
Modify Package USON8 (4*3mm)
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to
0.1 V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns
Modify POWER-ON TIMING: Tpuw Min 1ms Change to 5ms
Modify Power-on Timing Sequence Diagram
P55
P56
P46
P46
P43
P43
2015-11-9
1.4
Modify POWER-ON TIMING: tVSL Min 10us Change to 5ms
P43
2015-12-16
1.5
Modify AC CHARACTERISTICS: add tRST_R & tRST_P & tRST_E
Modify POWER-ON TIMING: TVSL Min 10us Change to 5ms
P47
P43
2015-12-18
1.6
Delete Package TFBGA-24BALL (6*4 ball array)
Modify Package USON8 (2*3mm, thickness 0.45mm)
P59
P55
2016-02-01
1.7
Modify ORDERING INFORMATION
Modify PACKAGE INFORMATION
P49
P50
2016-3-10
1.8
Modify Read Unique ID
P33
2016-4-13
1.9
Modify Typo
All
2016-4-19
2.0
Modify DC CHARACTERISTICS
P45
2016-5-17
2.1
Modify Feature: Add Allows XIP(execute in place)operation
Modify Device Operation Description
Modify Data Protection Description
Modify Status Register Description
Modify Commands Description
Modify Read Data Bytes (READ) (03H) Description
Read Data Bytes at Higher Speed (Fast Read) (0BH)Description
Modify Write Enable for Volatile Status Register(50H) Description
Quad I/O Word Fast Read (E7H) Description
Modify Quad Output Fast Read(6BH) Description
Dual I/O Fast Read (BBH )Description
Program/Erase Suspend (PES) (75H) Description
Modify Chip Erase(CE)(60/C7H) Description
Modify Deep Power-Down(DP)(B9H) Description
Modify Read Identification(RDID)(9FH) Description
Modify Erase Security Registers(44H) Description
Program Security Registers (42H) Description
Read Security Registers (48H) Description
P4
P8
P9
P11-12
P13
P18
P19
P18
P24
P21
P21
P34
P28
P29
P31
P35
P35
P36
2016-10-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com