Electronic Components Datasheet Search
  English  ▼

X  

LP3 Datasheet(PDF) 13 Page - Eaton All Rights Reserved.

Part # LP3
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP3 Datasheet(HTML) 13 Page - Eaton All Rights Reserved.

Back Button LP3 Datasheet HTML 9Page - Eaton All Rights Reserved. LP3 Datasheet HTML 10Page - Eaton All Rights Reserved. LP3 Datasheet HTML 11Page - Eaton All Rights Reserved. LP3 Datasheet HTML 12Page - Eaton All Rights Reserved. LP3 Datasheet HTML 13Page - Eaton All Rights Reserved. LP3 Datasheet HTML 14Page - Eaton All Rights Reserved. LP3 Datasheet HTML 15Page - Eaton All Rights Reserved. LP3 Datasheet HTML 16Page - Eaton All Rights Reserved. LP3 Datasheet HTML 17Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
EATON www.eaton.com
Hardware Options Inches (Millimeters)
(Bulk ordering part numbers are in parentheses)
Mounting Options Inches (Millimeters)
Right Angle Mounting Bracket
Option AB
Option MP
MP Metal inserts with 0.150” dia. hole accept #6 screw.
Bulk part number 2MP-J.
Mounting Plates
Mounts blocks on PC boards at a right angle.
•
Protects solder joints.
•
Bracket snaps securely on block (no hardware required).
•
Minimum strip length (end positions are usable).
•
Mount with #6-32 or #8-32 screws (not supplied).
•
Available on 3 pole configurations and greater
CB2
Single RowTerminal Blocks
† Contact Eaton for desired configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com