Electronic Components Datasheet Search
  English  ▼

X  

LP3 Datasheet(PDF) 22 Page - Eaton All Rights Reserved.

Part # LP3
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP3 Datasheet(HTML) 22 Page - Eaton All Rights Reserved.

Back Button LP3 Datasheet HTML 18Page - Eaton All Rights Reserved. LP3 Datasheet HTML 19Page - Eaton All Rights Reserved. LP3 Datasheet HTML 20Page - Eaton All Rights Reserved. LP3 Datasheet HTML 21Page - Eaton All Rights Reserved. LP3 Datasheet HTML 22Page - Eaton All Rights Reserved. LP3 Datasheet HTML 23Page - Eaton All Rights Reserved. LP3 Datasheet HTML 24Page - Eaton All Rights Reserved. LP3 Datasheet HTML 25Page - Eaton All Rights Reserved. LP3 Datasheet HTML 26Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
EATON www.eaton.com
A38 Terminal Styles Inches (Millimeters)
Wire ready screws standard
Screw Options
(Bulk ordering part numbers are in parentheses)
B38 Terminal Styles
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
1 - handwired*
2 - printed circuit
7 - extended wire wrap
9 - 0.250” QC*
1 - flat base, mount
end
2 - flat base, barrier
end
3 - insulator base**
mount end
4 - insulator base**
barrier end
02 to 16
Blank - standard
screw (steel zinc-
plated, philslot BHMS)
04 - brass, nickel-
plated, philslot BHMS
07 - steel, SEMS zinc-
plated philslot screw
L1 to L6 marking
options (pg 25)
Covers - (pg 26)
Family
Terminal Style
Base/End
Poles
Screw Options
Options
3 - screw terminal (#6-32
screw top & bottom)
4 - stud (#8-32 screw
top, #6-32 stud bottom)
5* - double stud (#6-32
stud top & bottom)
*C360 Copper Alloy (bright tim plate)
4 - insulator base,
barrior end
9 - insulator base,
mount end
02 to 16
Blank - standard
screw (steel zinc-
plated, philslot BHMS)
34** - #6-32 nickel-
plated brass philslot
BHMS
**Note:34screwsonlyavailablewith
“3” terminal style
L1 to L6 marking
options (pg 25)
Covers - (pg 26)
A38 & B38
Single RowTerminal Blocks
A
8
3
B
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com