Electronic Components Datasheet Search
  English  ▼

X  

LP3 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # LP3
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP3 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  LP3 Datasheet HTML 1Page - Eaton All Rights Reserved. LP3 Datasheet HTML 2Page - Eaton All Rights Reserved. LP3 Datasheet HTML 3Page - Eaton All Rights Reserved. LP3 Datasheet HTML 4Page - Eaton All Rights Reserved. LP3 Datasheet HTML 5Page - Eaton All Rights Reserved. LP3 Datasheet HTML 6Page - Eaton All Rights Reserved. LP3 Datasheet HTML 7Page - Eaton All Rights Reserved. LP3 Datasheet HTML 8Page - Eaton All Rights Reserved. LP3 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
EATON www.eaton.com
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
A1 - standard barrier
CB1 - closed back
02 - printed circuit
04 - wire wrap
07 - extended pin
1 - mount end
2 - barrier end
02 to 24 A1
02 to 30 CB1
Blank–std. screws
03- stainless steel
07- steel SEMS &
washer (not available
with hardware
options)
DR - angle mts. (A1 only-pg 5)
B1 to B9 - 0.187”
QC (all positions)
L1 to L6 marking options (pg 25)
LT1 to LT6 marking options (CB1
only-pg 25)
MP & MT - mounting plates
0.150 dia (pg 5)
R26 - rightangle bends (A1 only-
pg 5)
Terminal Styles Inches (Millimeters)
02
Printed Circuit
04
Wire Wrap Tail
07
Extended Pin
Screw Options Wire ready screws standard on all terminal styles
(Bulk ordering part numbers are in parentheses)
Standard
Zinc-Plated Steel (F508-J)
03
Stainless Steel (F510-J)
07
Zinc-Plated Steel Screws (F522-J)
Hardware Options Inches (Millimeters)
(Bulk ordering part numbers are in parentheses)
Jumpers
Quick Connects Blade Width B = 0.187”
*Contact Eaton for desired configuration
** N/A on CB1
A1
Single RowTerminal Blocks
(JA1-xx-J)
(JB1-xx-J)
(JC1-xx-J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com