Electronic Components Datasheet Search
  English  ▼

X  

LP3 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # LP3
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP3 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  LP3 Datasheet HTML 1Page - Eaton All Rights Reserved. LP3 Datasheet HTML 2Page - Eaton All Rights Reserved. LP3 Datasheet HTML 3Page - Eaton All Rights Reserved. LP3 Datasheet HTML 4Page - Eaton All Rights Reserved. LP3 Datasheet HTML 5Page - Eaton All Rights Reserved. LP3 Datasheet HTML 6Page - Eaton All Rights Reserved. LP3 Datasheet HTML 7Page - Eaton All Rights Reserved. LP3 Datasheet HTML 8Page - Eaton All Rights Reserved. LP3 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
A1
Specifications
Rating: 20A, 250V*
Center Spacing: 0.325” (8.26mm)
Wire Range: #14-22 AWG Cu
Screw Size: #6-32 zinc-plated philslot wire-ready screws with a
#2 driving recess.
Torque Rating: 9 lb-in.
Base: Standoffs are standard on CB1000 for easy flux washing.
Distance Between Barriers: 0.26” (6.6mm)
Recommended PCB Hole Diameter: 0.070” (1.78mm)
Operating Temperature: 105°C (221°F) max., -40°C (-40°F) min.
Molded Material: Black, UL Rated 94V0 Thermoplastic
Breakdown Voltage: 1600V
Agency Information: UL/CSA; IEC Compliance; CE Certified;
UL File: E62622, CSA File: 15364
* General industrial applications
MOUNTING ENDS ONLY
BARRIER &
MOUNTING ENDS
BARRIER
ENDS ONLY
Poles
A
Mounting Ctrs.
C
Length
B
Pole Ctrs.
C
Length
02
0.98
1.37
0.33
0.72
03
1.30
1.69
0.65
1.04
04
1.63
2.02
0.98
1.37
05
1.95
2.34
1.30
1.69
06
2.28
2.67
1.63
2.02
07
2.60
2.99
1.95
2.34
08
2.93
3.32
2.28
2.67
09
3.25
3.64
2.60
2.99
10
3.58
3.97
2.93
3.32
11
3.90
4.29
3.25
3.64
12
4.23
4.62
3.58
3.97
13
4.55
4.94
3.90
4.29
14
4.88
5.27
4.23
4.62
15
5.20
5.59
4.55
4.94
16
5.53
5.92
4.88
5.27
17
5.85
6.24
5.20
5.59
18
6.18
6.57
5.53
5.92
19
6.50
6.89
5.85
6.24
20
6.83
7.22
6.18
6.57
21
7.15
7.54
6.50
6.89
22
7.48
7.87
6.83
7.22
23
7.80
8.19
7.15
7.54
24
8.13
8.52
7.48
7.87
25
8.45
8.84
7.80
8.19
26
8.78
9.17
8.13
8.52
27
9.10
9.49
8.45
8.84
28
9.43
9.82
8.78
9.17
29
9.75
10.14
9.10
9.49
30
10.08
10.47
9.43
9.82
Dimensions in inches. To convert to millimeters, multiply by 25.4.
A10220307
Dimensions Inches (Millimeters)
A1
Single RowTerminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com