Electronic Components Datasheet Search
  English  ▼

X  

DVCL28 Datasheet(PDF) 3 Page - VPT, Inc.

Part # DVCL28
Description  HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVCL28 Datasheet(HTML) 3 Page - VPT, Inc.

  DVCL28 Datasheet HTML 1Page - VPT, Inc. DVCL28 Datasheet HTML 2Page - VPT, Inc. DVCL28 Datasheet HTML 3Page - VPT, Inc. DVCL28 Datasheet HTML 4Page - VPT, Inc. DVCL28 Datasheet HTML 5Page - VPT, Inc. DVCL28 Datasheet HTML 6Page - VPT, Inc. DVCL28 Datasheet HTML 7Page - VPT, Inc. DVCL28 Datasheet HTML 8Page - VPT, Inc. DVCL28 Datasheet HTML 9Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DVCL28 Series
DVCL28-5.0
3
BLOCK DIAGRAM
UNDER
VOLTAGE
SHUTDOWN
PRIMARY
HOUSEKEEPING
SUPPLY
PIN 1
+VIN
PIN 2
COM
+VOUT
PIN 8
Q
COM
PIN 7
INRUSH
CURRENT
CONTROL
C
INH OUT
PIN 6
INHIBIT
CONTROL
Figure 2
CONNECTION DIAGRAM
2
IN COM
1
28V IN
7
+V OUT
8
OUT COM
LOAD
+
-
28 Vdc
12
28V OUT
7
OUT COM
1
28V IN
6
IN COM
CASE
-S
9
+S
10
28V IN
2
28V IN
3
IN COM
4
IN COM
5
28V OUT
11
28V OUT
10
OUT COM
9
OUT COM
8
DVME28 EMI FILTER
DVFL2800S DC-DC CONVERTER
2
IN COM
1
28V IN
7
+V OUT
8
OUT COM
LOAD
CASE
-S
9
+S
10
DVFL2800S DC-DC CONVERTER
CASE
8
28V OUT
7
COM
1
28V IN
COM
2
DVCL28
4
INH1
4
INH1
6
INH OUT
Cout
Figure 3
(
Shown with optional output capacitor)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com